Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 25 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 25 Page - ams AG

Back Button AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG AS5410 Datasheet HTML 24Page - ams AG AS5410 Datasheet HTML 25Page - ams AG AS5410 Datasheet HTML 26Page - ams AG AS5410 Datasheet HTML 27Page - ams AG AS5410 Datasheet HTML 28Page - ams AG AS5410 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
ams Datasheet
Page 25
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
Register 0030h
E²PROM address
Figure 32:
Register 0030h
Note(s) and/or Footnote(s):
1. 1LSB=4mT.
Register
Access
Bit
Function
Note
0030h:
E²PROM
address
R/W
D15 (MSB)
A15
To read/write E²PROM contents,
the selected E²PROM address must be specified in
this register.
The corresponding data is available in register 0031h.
For write operations, status bit ED in register 0107h
which indicates the completion of a write operation
must be verified before starting a new write cycle.
Writing 16 bits of data requires ~10ms
D14
A14
D13
A13
D12
A12
D11
A11
D10
A10
D9
A9
D8
A8
D7
A7
D6
A6
D5
A5
D4
A4
D3
A3
D2
A2
D1
A1
D0 (LSB)
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com