Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 16 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 16 Page - ams AG

Back Button AS5410 Datasheet HTML 12Page - ams AG AS5410 Datasheet HTML 13Page - ams AG AS5410 Datasheet HTML 14Page - ams AG AS5410 Datasheet HTML 15Page - ams AG AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Page 16
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Detailed Description
Continuous Measurement
It is possible to continuously read data from the AS5410 even
if a new measurement is not yet finished. In this case, the last
measurement data will be read. As soon as a new measurement
is completed, it will be available at the SPI interface.
Write Mode and Readback
For additional safety and detection of communication errors,
the actual contents of a register may be read at the same time
as new data is written to this register.
In case of a Write command, the 16-bit Write address (with
A<15>=1) is sent to the MOSI pin. After 16 SCK cycles, data
following the address bits is written to the specified address via
MOSI in (see Figure 17) At the same time, the present data of
that register may be read from the MISO pin. Following the
16-bit of data (Data 1 in Figure 17), a new address may be
written to the AS5410. While the new address is written, the
address from the previous command is available at the MISO
output.
Checksum
To avoid reading errors, the IC calculates a Checksum at every
read cycle from the register content. The Checksum value is
built by an XOR operation of the previous Checksum value and
the read register content. The CRC is calculated every time a
register is read.
By choosing how often the Checksum is read and rechecked by
the master it is possible to adjust the communication speed and
safety level.
The Checksum value is stored in register 0108h (see Register
Description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com