Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 46 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 46 Page - ams AG

Back Button AS5410 Datasheet HTML 42Page - ams AG AS5410 Datasheet HTML 43Page - ams AG AS5410 Datasheet HTML 44Page - ams AG AS5410 Datasheet HTML 45Page - ams AG AS5410 Datasheet HTML 46Page - ams AG AS5410 Datasheet HTML 47Page - ams AG AS5410 Datasheet HTML 48Page - ams AG AS5410 Datasheet HTML 49Page - ams AG AS5410 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Page 46
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Application Information
Sensor Placement
Two pixel cells each with an X-/Z-Sensor are arranged in a line
on the X Axis parallel to the chip edge, 2.5mm distant from each
other. Pixel positions relative to chip centre are:
Pixel 0: -1250
μm
Pixel 1: 1250
μm
Figure 52:
Pixel Cell Arrangement
3D Hall
Pixel 0
3D Hall
Pixel 1
2.5 mm
1.25 mm
1.25 mm
1
Tolerance: ± 0.235 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com