Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 41 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 41 Page - ams AG

Back Button AS5410 Datasheet HTML 37Page - ams AG AS5410 Datasheet HTML 38Page - ams AG AS5410 Datasheet HTML 39Page - ams AG AS5410 Datasheet HTML 40Page - ams AG AS5410 Datasheet HTML 41Page - ams AG AS5410 Datasheet HTML 42Page - ams AG AS5410 Datasheet HTML 43Page - ams AG AS5410 Datasheet HTML 44Page - ams AG AS5410 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ams Datasheet
Page 41
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
E²PROM WRITE/READ
Figure 47:
E²PROM WRITE/READ Cycle
For reading from the E²PROM the E²PROM address is written to
register 0030h and the stored E²PROM data can be read from
register 0031h.
For writing to the E²PROM the E²PROM address is written to
register 0030h and the E²PROM data can be written to register
0031h. The write cycle is completed when the ED (E²PROM
Done) bit is set to 1.
Disable sequencer by
setting Bit 1"Seq“ in
register 000Eh to 0.
Write EEPROM address to
register 0030h
Write EEPROM data to
register 0031h
Reset AS5410 at pin
RESET_N
Read register
0107h
Bit 0 „ED“
ED = 0
Disable sequencer by
setting Bit 1 in register
000Eh to 0.
Write EEPROM address to
register 0030h
Read register 0031h to
read the value standing in
EEPROM data
ED = 1
WRITE EEPROM
READ EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com