Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 2 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 2 Page - ams AG

  AS5410 Datasheet HTML 1Page - ams AG AS5410 Datasheet HTML 2Page - ams AG AS5410 Datasheet HTML 3Page - ams AG AS5410 Datasheet HTML 4Page - ams AG AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Page 2
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − General Description
Key Benefits & Features
The benefits and features of AS5410, 3D-Hall Absolute Linear
Position Sensor are listed below:
Figure 1:
Added Value of Using AS5410
Applications
AS5410 is ideal for:
• Plunger position
• Pedal position
• Pneumatic and hydraulic cylinder position
• Automation with linear position stages through cascading
of several AS5410 devices.
Figure 2:
AS5410 Linear Position Sensing of the Magnet
Benefits
Features
• High flexibility in magnet selection
• Wide magnetic input range
• Suppression against magnetic stray fields
• Dual 3D sensor pixel principle
• Flexibility in choice of interface
• SPI and PWM output
• Contactless position sensing
• Absolute linear position sensing
• Flexible mechanical arrangement of
magnet
• Flexible configuration registers
• External calculations of raw data
• Bx and Bz raw data assessment possible
• High linearity after teaching
• 33 linearization points to achieve high precision
• Ideal for applications in harsh
environments
• Integrated diagnostic functions
• Temperature range from -40°C to 105°C (ambient)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com