Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 11 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 11 Page - ams AG

Back Button AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG AS5410 Datasheet HTML 10Page - ams AG AS5410 Datasheet HTML 11Page - ams AG AS5410 Datasheet HTML 12Page - ams AG AS5410 Datasheet HTML 13Page - ams AG AS5410 Datasheet HTML 14Page - ams AG AS5410 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ams Datasheet
Page 11
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Electrical Characteristics
On-Chip Temperature Measurement
The AS5410 provides a linear on-chip temperature sensor which
is use for automatic compensation of sensitivity and offset drifts
for the Hall-In-One sensors.
The measured chip temperature is available in a register (0110h)
and can be used for monitoring purposes.
Operating conditions: operating temperature = -40°C to 105°C
Figure 13:
Temperature Sensor
Symbol
Parameter
Min
Typ
Max
Unit
Note
D temp
Temperature signal at 25°
0
LSB
Restemp
Resolution
185
200
210
LSB/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com