Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 39 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 39 Page - ams AG

Back Button AS5410 Datasheet HTML 35Page - ams AG AS5410 Datasheet HTML 36Page - ams AG AS5410 Datasheet HTML 37Page - ams AG AS5410 Datasheet HTML 38Page - ams AG AS5410 Datasheet HTML 39Page - ams AG AS5410 Datasheet HTML 40Page - ams AG AS5410 Datasheet HTML 41Page - ams AG AS5410 Datasheet HTML 42Page - ams AG AS5410 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ams Datasheet
Page 39
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
E²PROM
AS5410 is equipped with a 1kx8 E²PROM memory to store the
factory settings and the customer configuration data. The
device can be configured using the 4wire Serial Peripheral
Interface (SPI).
Figure 46:
E²PROM Memory Map
Address (hex)
E²PROM Location Name
Notes
000Bh
Sequencer control
000Dh
PWM configuration
000Fh
Magnet lost threshold and hysteresis
005Fh
Angle linearization Table entry 16
Applied to CORDIC
output
0060h
Angle linearization Table entry 0
0061h
Angle linearization Table entry 1
0062h
Angle linearization Table entry 2
0063h
Angle linearization Table entry 3
0064h
Angle linearization Table entry 4
0065h
Angle linearization Table entry 5
0066h
Angle linearization Table entry 6
0067h
Angle linearization Table entry 7
0068h
Angle linearization Table entry 8
0069h
Angle linearization Table entry 9
006Ah
Angle linearization Table entry 10
006Bh
Angle linearization Table entry 11
006Ch
Angle linearization Table entry 12
006Dh
Angle linearization Table entry 13
006Eh
Angle linearization Table entry 14
006Fh
Angle linearization Table entry 15
0070h
Angle linearization Table entry -16
0071h
Angle linearization Table entry -15
0072h
Angle linearization Table entry -14
0073h
Angle linearization Table entry -13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com