Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 44 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 44 Page - ams AG

Back Button AS5410 Datasheet HTML 40Page - ams AG AS5410 Datasheet HTML 41Page - ams AG AS5410 Datasheet HTML 42Page - ams AG AS5410 Datasheet HTML 43Page - ams AG AS5410 Datasheet HTML 44Page - ams AG AS5410 Datasheet HTML 45Page - ams AG AS5410 Datasheet HTML 46Page - ams AG AS5410 Datasheet HTML 47Page - ams AG AS5410 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Page 44
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Magnet Features
Magnet Range Extension
If the magnet is far away from the sensor, the field vectors in
the sensor position can generate false angle information. By
exploiting the magnetic field behavior it is still possible to
calculate correct position information. As absolute field values
are used during this calculation external disturbance fields
must not exceed a maximum of approximately ten times the
terrestrial magnetic field. The position range extending
calculation method can be disabled if large disturbance fields
occur during operation.
MgRangExt = 0: Angles between -180° and +180° can be
measured
MgRangExt = 1: Angles between -288° and +288° can be
measured
Figure 50:
Register 000Bh
Note(s) and/or Footnote(s):
1. Pins LOCK_N and SCE are test pins for factory testing. They must be connected to VSS in normal operation to prevent accidental
enabling of a test mode
2. Output READY is set high when a measurement cycle is completed and the results in the output registers are valid. It is cleared by
reading data from address 0100h or 0122h
3. CLK allows monitoring of the internal clock or applying an external clock.
4. Output MISO is only activated when CS_N is low. It is in high impedance state otherwise, this allows parallel operation of multiple ICs.
5. CS_N is active low and activates data transmission. If only a single device is used, CS_N may remain low for several commands, for
example while reading the output registers.
Register
Access
Bit
Function
Note
000Bh:
Sequencer
control
R/W
D11
MgRangExt
“Magnet Range Extension”
Enable the algorithm for an extended position
range.
D10
CoordSel
“Coordinate System Selection”
1 = The sign of the LinAng (Register 0122h) gets
changed if MagDir (Register 000Bh) = 1
0 = LinAng (Register 0122h) gets not changed
Magnet Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com