Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 4 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 4 Page - ams AG

  AS5410 Datasheet HTML 1Page - ams AG AS5410 Datasheet HTML 2Page - ams AG AS5410 Datasheet HTML 3Page - ams AG AS5410 Datasheet HTML 4Page - ams AG AS5410 Datasheet HTML 5Page - ams AG AS5410 Datasheet HTML 6Page - ams AG AS5410 Datasheet HTML 7Page - ams AG AS5410 Datasheet HTML 8Page - ams AG AS5410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − General Description
3D Hall cells:
The AS5410 contains two 3D Hall cells, spaced 2.5mm apart.
MUX:
The multiplexer selects two magnetic field components Bx and Bz as the inputs
for the CORDIC. The selected inputs can either be absolute sensor signals or
differential sensor signals.
ADC:
The Sigma-Delta ADC samples the Hall sensors signals selected by the MUX. The
sampling of the sensors is done sequentially.
Signal conditioning:
This block includes offset and temperature compensation as well as amplitude
matching.
Bi/Bj values:
This block represents the registers containing the input sensor signals of the
CORDIC inputs.
ATAN:
Coordinate to Rotation Digital Computer: This block converts rectangular
coordinates (sine and cosine signals from the Hall sensors) into polar coordinates
(angle/distance and magnitude).
Linearization:
A 33-point linearization of the CORDIC output data is available to accommodate a
variety of different magnet sizes and applications.
Temperature sensor:
An on-chip temperature sensor is available. It can be read over the SPI interface.
This sensor is also used for signal conditioning.
PWM interface:
The linearized measurement data is available over a single pin in the form of a
pulse width modulated (PWM) signal.
SPI interface:
A bi-directional SPI interface allows communication with the chip, including
reading measurement data, E²PROM contents or writing configuration data.
E²PROM:
The on-chip E²PROM contains the configuration data of the chip.
State machine:
The state machine (sequencer) controls the automatic sequencing of
measurements. Once it is configured for a certain measurement, the state
machine executes all necessary steps to perform a complete measurement cycle.
Configuration:
The configuration is pre-defined in the AS5410. Mode selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com