Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 55 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 55 Page - ams AG

Back Button AS5410 Datasheet HTML 48Page - ams AG AS5410 Datasheet HTML 49Page - ams AG AS5410 Datasheet HTML 50Page - ams AG AS5410 Datasheet HTML 51Page - ams AG AS5410 Datasheet HTML 52Page - ams AG AS5410 Datasheet HTML 53Page - ams AG AS5410 Datasheet HTML 54Page - ams AG AS5410 Datasheet HTML 55Page - ams AG AS5410 Datasheet HTML 56Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
ams Datasheet
Page 55
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Content Guide
1
General Description
2
Key Benefits & Features
2
Applications
3
Block Diagram
5
Pin Assignment
5Pin Diagram
5
Pin Description
7
Electrical Characteristics
7
Absolute Maximum Ratings
8
Operating Conditions
8
System Performance Specifications
9
DC Characteristics for Digital Inputs and Outputs
9
CMOS Schmitt-Trigger Inputs: LOCK_N, RESET_N, CLK,
MOSI, SCK, CS_N
9
CMOS Outputs: READY, MISO, PWM
10
Power On Reset
10
RESET_N
11
On-Chip Temperature Measurement
12
Detailed Description
12
Power Modes
12
Continuous Mode
12
Single Loop Mode
12
Serial Interface (SPI)
15
Data Transfer Between AS5410 and Microcontroller
15
Read Mode
16
Continuous Measurement
16
Write Mode and Readback
16
Checksum
17
PWM Data Transmission
20
Register Description
20
Register 000Bh
22
Register 000Dh
22
Register 000Eh
23
Register 000Fh
25
Register 0030h
26
Register 0031h
27
Register 0032h
28
Register 0033h
29
Register 0107h
30
Register 0108h
31
Register 0110h
32
Register 0111h
33
Register 0112h
34
Register 0113h
35
Register 0114h
36
Register 0120h
37
Register 0121h
38
Register 0122h
39
E²PROM
41
E²PROM WRITE/READ
42
E²PROM Page WRITE
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com