Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 20 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 20 Page - ams AG

Back Button AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG AS5410 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Page 20
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Register Description
The following registers can be addressed by the user via the SPI
interface. Each register is 16-bit wide.
Registers not listed in the table below must not be modified
from their factory programmed setting.
Note(s): “r” are reserved bits, they must not be modified (unless
otherwise noted)
Register 000Bh
This register controls the sequencer
Figure 25:
Register 000Bh
Register
Access
Bit
Function
Default
Note
000Bh:
Sequencer
control
R/W
D15
(MSB)
r
0
D14
r
0
D13
r
0
D12
r
0
D11
MgRangExt
0
“Magnet Range Extension”
Enable the algorithm for an extended
position range.
1 = Magnet Range Extension enabled
0 = Magnet Range Extension disabled
D10
CoordSel
0
“Coordinate System Selection”
1 = The sign of the Lin Ang
(Register 0122h) gets changed if MagDir
(Register 000Bh) = 1
0 = Lin Ang (Register 0122h) gets not
changed
D9
r
0
D8
r
0
D7
Table
Select 0
0
These bits allow the selection of 4
different operating modes, stored in 4
individual sequencer tables
D6
Table
Select 1
0
D5
MagDir
0
This bit allows to switch the magnet
direction
MagDir = 0: North pole must point in +x
direction (pin 7 to pin1) Default/powerup
mode.
MagDir = 1: North pole must point in -x
direction (pin1 to pin7). Preferred
orientation to permit use of CoordSel bit.
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com