Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5410 Datasheet(PDF) 29 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 29 Page - ams AG

Back Button AS5410 Datasheet HTML 25Page - ams AG AS5410 Datasheet HTML 26Page - ams AG AS5410 Datasheet HTML 27Page - ams AG AS5410 Datasheet HTML 28Page - ams AG AS5410 Datasheet HTML 29Page - ams AG AS5410 Datasheet HTML 30Page - ams AG AS5410 Datasheet HTML 31Page - ams AG AS5410 Datasheet HTML 32Page - ams AG AS5410 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
ams Datasheet
Page 29
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Register Description
Register 0107h
Status register; this register holds various status flags
Figure 36:
Register 0107h
Register
Access
Bit
Function
Note
0107h:
Status
R
D15 (MSB)
RDY
Indicates completion of a new measurement;
same function as the “Ready” output pin.
0 = calculation is in progress or chip not ready
1 = measurement completed, new measurement
data is stored in register 0110h-0114h and
0120h-0122h
D14
MagLost
1 = Magnetic field values are too low for position
measurement; the threshold level can be selected at
Register 000Fh Bit D7 to D0
D13
CorrOvfl
Ambiguous angle correction overflow
D12
NormOvfl
Normalizing scale overflow
D11
SensOvfl
Overflow during sensitivity correction over
temperature
D10
RngWarn
ADC overflow
D9
HistWarn
Histogram failure during ADC operation
D8
CalcError
Or wired combination of RngWarn, HistWarn,
NormOvfl, SensOvfl
D7
D7
Reserved
D6
D6
Reserved
D5
D5
Reserved
D4
D4
Reserved
D3
D3
Reserved
D2
D2
Reserved
D1
MagDir
Detected or chosen orientation of magnet
D0 (LSB)
ED
E²PROM write cycle:
0 = E²PROM write cycle in progress
1= E²PROM write cycle completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com