Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 17Page - Microchip Technology MCP8024 Datasheet HTML 18Page - Microchip Technology MCP8024 Datasheet HTML 19Page - Microchip Technology MCP8024 Datasheet HTML 20Page - Microchip Technology MCP8024 Datasheet HTML 21Page - Microchip Technology MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 21
MCP8024
4.2.2.6
Run Mode
At the end of the Ramp mode, Run mode is entered. In
Run mode, the back EMF sensor is enabled and com-
mutation is now under the control of the phase-locked
loop. Motor speed can be regulated by an outer speed
control loop.
4.2.2.7
PWM Speed Control
The inner commutation loop is a phase-locked loop,
which locks to the rotor’s position. This inner loop does
not attempt to modify the position of the rotor, but mod-
ifies the commutation times to match whatever posi-
tion the rotor has. The outer speed loop changes the
rotor velocity and the inner commutation loop locks to
the rotor’s position to commutate the phase at the cor-
rect times.
The outer speed loop pulse width modulates (PWMs)
the motor drive inverter to produce the desired wave
shape and voltage at the motor. The inductance of the
motor then integrates this PWM pattern to produce the
desired average current, thus controlling the desired
torque and speed of the motor. For a trapezoidal
BLDC motor drive with six-step commutation, the
PWM is used to generate the average voltage to pro-
duce the desired motor current and, hence, the motor
speed.
There are two basic methods to PWM the inverter
switches. The first method returns the reactive energy
in the motor inductance to the source by reversing the
voltage on the motor winding during the current decay
period. This method is referred to as fast decay or
chop-chop. The second method circulates the reactive
current in the motor with minimal voltage applied to the
inductance. This method is referred to as slow decay
or chop-coast.
The preferred control method employs a chop-chop
PWM for any situations where the motor is being
accelerated, either positively or negatively. For
improved efficiency, chop-coast PWM is employed
during steady-state conditions. The chop-chop speed
loop is implemented by hysteretic control, fixed off-
time control, or average Current mode control of the
motor current. This makes for a very robust controller
as the motor current is always in instantaneous con-
trol. The motor speed presented to the chop-chop loop
is reduced by approximately 9%. A fixed-frequency
PWM that only modulates the high-side switches
implements the chop-coast loop. The chop-coast loop
is presented with the full motor speed, so if it is able to
control the speed, the chop-chop loop will never be
satisfied and will remain saturated. The chop-chop
remains able to assume full control if the motor torque
is exceeded, either through a load change or a change
in speed that produces acceleration torque. The chop-
coast loop will remain saturated, with the chop-chop
loop in full control, during start-up and acceleration to
full speed. The bandwidth of the chop-coast loop is set
to be slower than the chop-chop loop so that any tran-
sients will be handled by the chop-chop loop and the
chop-coast loop will only be active in steady-state
operation.
4.2.3
EXTERNAL DRIVE FOR A 3-PHASE
BRIDGE WITH NMOS/NMOS
MOSFET PAIRS
Each motor phase is driven with external NMOS/
NMOS MOSFET pairs. These are controlled by a low-
side and a high-side gate driver. The gate drivers are
controlled directly by the digital input pins PWM[1:3]H/
L. A logic High turns the associated gate driver ON,
and a logic Low turns the associated gate driver OFF.
The PWM[1:3]H/L digital inputs are equipped with
internal pull-down resistors.
The low-side gate drivers are biased by the +12V LDO
output, referenced to ground. The high-side gate driv-
ers are a floating drive biased by a bootstrap capacitor
circuit. The bootstrap capacitor is charged by the +12V
LDO whenever the accompanying low-side MOSFET
is turned on.
TABLE 4-1:
COMMUTATION STATE MACHINE
STATE
OUTPUTS
BEMF
SAMPLE
HA
HB
HC
LA
LB
LC
CE = 0
OFF
OFF
OFF
OFF
OFF
OFF
N/A
LOCK
ON
OFF
ON
OFF
ON
OFF
N/A
1
ON
OFF
OFF
OFF
OFF
ON
Phase B
2
OFF
ON
OFF
OFF
OFF
ON
Phase A
3
OFF
ON
OFF
ON
OFF
OFF
Phase C
4
OFF
OFF
ON
ON
OFF
OFF
Phase B
5
OFF
OFF
ON
OFF
ON
OFF
Phase A
6
ON
OFF
OFF
OFF
ON
OFF
Phase C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com