Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology MCP8024 Datasheet HTML 29Page - Microchip Technology MCP8024 Datasheet HTML 30Page - Microchip Technology MCP8024 Datasheet HTML 31Page - Microchip Technology MCP8024 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
MCP8024
DS20005228A-page 28
 2013 Microchip Technology Inc.
3
0
1
Undervoltage Lockout Enabled (Default)
Undervoltage Lockout Disabled
2
0
1
External MOSFET Overcurrent Detection Enabled (Default)
External MOSFET Overcurrent Detection Disabled
1:0 00
01
10
11
0.250V External MOSFET Overcurrent Limit (Default)
0.500V External MOSFET Overcurrent Limit
0.750V External MOSFET Overcurrent Limit
1.000V External MOSFET Overcurrent Limit
SET_CFG_1
1
00000011
(03H)
01000011
(43H)
Set DAC Motor Current Limit Reference Voltage Not Acknowledged
(Response)
Set DAC Motor Current Limit Reference Voltage Acknowledged (Response)
2
7:0 00H - FFH
Current DAC Current Reference value 13.77 mV / bit + 0.991V
GET_CFG_1
1
00000100
(04H)
01000100
(44H)
Get DAC Motor Current Limit Reference Voltage Not Acknowledged
(Response)
Get DAC Motor Current Limit Reference Voltage Acknowledged (Response)
2
7:0 00H - FFH
Current DAC Current Reference value 13.77 mV / bit + 0.991V
SET_CFG_2
1
00000111
(07H)
01000111
(47H)
Set Configuration Register 2 Not Acknowledged (Response)
Set Configuration Register 2 Acknowledged (Response)
2
7:4 00H
Unused (Default)
3:2 ---
00
01
10
11
Driver Dead Time (For PWMH /PWML inputs)
2 µs (Default)
1 µs
500 ns
250 ns
1:0 ---
00
01
10
11
Driver Blanking Time (Ignore Switching Current Spikes)
4 µs (Default)
2 µs
1 µs
500 ns
GET_CFG_2
1
00001000
(08H)
01001000
(48H)
Get Configuration Register 2 Response Not Acknowledged
(Response)
Get Configuration Register 2 Response Acknowledged (Response)
2
7:4 00H
Unused (Default)
3:2 ---
00
01
10
11
Driver Dead Time (For PWMH /PWML inputs)
2 µs (Default)
1 µs
500 ns
250 ns
1:0 ---
00
01
10
11
Driver Blanking Time (Ignore Switching Current Spikes)
4 µs (Default)
2 µs
1 µs
500 ns
TABLE 4-3:
DE2 COMMUNICATIONS MESSAGES FROM MCP8024 TO HOST (CONTINUED)
MESSAGE
BYTE BIT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com