Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 1 Page - Microchip Technology

  MCP8024 Datasheet HTML 1Page - Microchip Technology MCP8024 Datasheet HTML 2Page - Microchip Technology MCP8024 Datasheet HTML 3Page - Microchip Technology MCP8024 Datasheet HTML 4Page - Microchip Technology MCP8024 Datasheet HTML 5Page - Microchip Technology MCP8024 Datasheet HTML 6Page - Microchip Technology MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 1
Features:
• Three Half-bridge Drivers Configured to Drive
External High-Side NMOS and Low-Side NMOS
MOSFETs:
- Independent input control for high-side
NMOS and low-side NMOS MOSFETs
- Peak output current: 0.5A @ 12V
- Shoot-through protection
- Overcurrent and short circuit protection
• Adjustable Output Buck Regulator (750 mW)
• Fixed Output Linear Regulators:
- 5V @ 20 mA
-12V @ 20 mA
• Internal Bandgap Reference
• Three Operational Amplifiers for Motor Phase
Current Monitoring and Position Detection
• Overcurrent Comparator
• Two Level Translators
• Operational Voltage Range 6 - 40V
• Undervoltage Lockout (UVLO): 6V
• Overvoltage Lockout (OVLO): 28V
• Transient (100 ms) Voltage Tolerance: 48V
• Extended Temperature Range: TA -40 to +150°C
• Thermal Shutdown
Applications:
• Automotive Fuel, Water, Ventilation Motors
• Home Appliances
• Permanent Magnet Synchronous Motor (PMSM)
Control
• Hobby Aircraft, Boats, Vehicles
Related Literature:
• AN885, “Brushless DC (BLDC) Motor Fundamen-
tals”, DS00885, Microchip Technology Inc., 2003
• AN1160, “Sensorless BLDC Control with Back-
EMF Filtering Using a Majority Function”,
DS01160, Microchip Technology Inc., 2008
• AN1078, “Sensorless Field Oriented Control of a
PMSM”, DS01078, Microchip Technology Inc.,
2010
Description:
The MCP8024 is a 3-Phase Brushless DC (BLDC)
power module. The MCP8024 device integrates three
half-bridge drivers to drive external NMOS/NMOS
transistor pairs configured to drive a 3-phase BLDC
motor, a comparator, a voltage regulator to provide bias
to a companion microcontroller, power monitoring
comparators, an overtemperature sensor, two level
translators and three operational amplifiers for motor
current monitoring.
The MCP8024 has three half-bridge drivers capable of
delivering a peak output current of 0.5A at 12V for
driving high-side and low-side NMOS MOSFET
transistors.
The
drivers
have
shoot-through,
overcurrent, and short-circuit protection.
The MCP8024 buck converter is capable of delivering
750 mW of power for powering a companion
microcontroller. The buck regulator may be disabled if
not used. The on-board 5V and 12V low dropout
voltage regulators are capable of delivering 20 mA of
current.
The MCP8024 operation is specified over a
temperature range of -40°C to +150°C.
Package options include the 40-lead 5x5 QFN and 48-
lead 7x7 TQFP.
3-Phase Brushless DC (BLDC) Motor Gate Driver
with Power Module
MCP8024


Similar Part No. - MCP8024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP8021 MICROCHIP-MCP8021 Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021-3315H/KEXVAO MICROCHIP-MCP8021-3315H/KEXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-3315H/9PXVAO MICROCHIP-MCP8021T-3315H/9PXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-3315H/KEXVAO MICROCHIP-MCP8021T-3315H/KEXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-5015H/9PXVAO MICROCHIP-MCP8021T-5015H/9PXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
More results

Similar Description - MCP8024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
5V Bandgap Reference
LT1029 LINER-LT1029_02 Datasheet
71Kb / 4P
5V Bandgap Reference
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
logo
Linear Technology
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com