Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology MCP8024 Datasheet HTML 29Page - Microchip Technology MCP8024 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
MCP8024
DS20005228A-page 26
 2013 Microchip Technology Inc.
TABLE 4-2:
DE2 COMMUNICATIONS COMMANDS TO MCP8024 FROM HOST
COMMAND
BYTE
BIT
VALUE
DESCRIPTION
SET_CFG_0
1
10000001
(81H) Set Configuration Register 0
27
0
Unused (Start-up Default)
6
0
1
Disable Disconnect of 30K Level Translator Pullup when CE = 0
(Default)
Enable Disconnect of 30K Level Translator Pullup when CE = 0
5
0
Unused
4
0
Reserved
3
0
1
Enable Undervoltage Lockout (Start-up Default)
Disable Undervoltage Lockout
2
0
1
Enable External MOSFET Short Circuit Detection (Start-up Default)
Disable External MOSFET Short Circuit Detection
1:0
00
01
10
11
Set External MOSFET Overcurrent Limit to 0.250V (Start-up Default)
Set External MOSFET Overcurrent Limit to 0.500V
Set External MOSFET Overcurrent Limit to 0.750V
Set External MOSFET Overcurrent Limit to 1.000V
GET_CFG_0
1
10000010
(82H) Get Configuration Register 0
STATUS_0
1
10000101
(85H) Get Status Register 0
STATUS_1
1
10000110
(86H) Get Status Register 1
SET_CFG_1
1
10000011
(83H) Set Configuration Register 1
DAC Motor Current Limit Reference Voltage
2
7:0
00H - FFH
Select DAC Current Reference value.
(4.503V - 0.991V)/ 255 = 13.77 mV / bit
00H = 0.991 Volts
40H = 1.872 Volts (40H * 0.1377mV/Bit + 0.991V) (Start-up Default)
FFH = 4.503 Volts (FFH * 0.1377mV/Bit + 0.991V)
GET_CFG_1
1
10000100
(84H) Get Configuration register 1
Get DAC Motor Current Limit reference voltage
SET_CFG_2
1
10000111
(87H) Set Configuration register 2
2
7:4
00H
Unused (Start-up Default)
3:2
---
00
01
10
11
Driver Dead Time (For PWMH /PWML inputs)
2 µs (Default)
1 µs
500 ns
250 ns
1:0
---
00
01
10
11
Driver Blanking Time (Ignore Switching Current Spikes)
4 µs (Start-up Default)
2 µs
1 µs
500 ns
GET_CFG_2
1
10001000
(88H) Get Configuration Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com