Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 38Page - Microchip Technology MCP8024 Datasheet HTML 39Page - Microchip Technology MCP8024 Datasheet HTML 40Page - Microchip Technology MCP8024 Datasheet HTML 41Page - Microchip Technology MCP8024 Datasheet HTML 42Page - Microchip Technology MCP8024 Datasheet HTML 43Page - Microchip Technology MCP8024 Datasheet HTML 44Page - Microchip Technology MCP8024 Datasheet HTML 45Page - Microchip Technology MCP8024 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 43
MCP8024
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP8024: 3-Phase Brushless DC (BLDC) Motor Gate
Driver with Power Module
MCP8024T: 3-Phase Brushless DC (BLDC) Motor Gate
Driver with Power Module (Tape and Reel)
Temperature
Range:
H
=
-40°C to +150°C (High)
Package:
MP = Plastic Quad Flat, No Lead Package with Exposed
Pad - 5x5 mm body, 40-lead
PT = Plastic Thin Quad Flatpack with Exposed Pad -
7x7 mm body, 48-lead, Thermally Enhanced (EP)
Examples:
a) MCP8024-H/MP: High Temperature,
40LD 5x5 QFN package
b) MCP8024T-H/PT: Tape and Reel,
High Temperature,
48LD TQFP-EP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com