Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 15Page - Microchip Technology MCP8024 Datasheet HTML 16Page - Microchip Technology MCP8024 Datasheet HTML 17Page - Microchip Technology MCP8024 Datasheet HTML 18Page - Microchip Technology MCP8024 Datasheet HTML 19Page - Microchip Technology MCP8024 Datasheet HTML 20Page - Microchip Technology MCP8024 Datasheet HTML 21Page - Microchip Technology MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 19
MCP8024
The maximum inductor value for operation in
Discontinuous Conduction mode can be determined
by the following equation.
EQUATION 4-1:
LMAX SIMPLIFIED
Using the LMAX inductor value calculated using
Equation 4-1 will ensure Discontinuous Conduction
mode operation for output load currents below the crit-
ical current level, IO(CRIT). For example, with an output
voltage of +5V, a standard inductor value of 4.7
H will
ensure Discontinuous Conduction mode operation
with an input voltage of 6V, a switching frequency of
468 kHz, and a critical load current of 150 mA.
The output voltage is set by using a resistor divider
network. The resistor divider is connected between the
inductor output and ground. The divider common point
is connected to the FB pin which is then compared to
an internal 1.25V reference voltage.
The Buck regulator will set a Status bit and send a sta-
tus message to the host whenever the input switching
current exceeds two amperes peak (typical). The bit
will be cleared when the peak input switching current
drops back below the two ampere (typical) limit.
The Buck regulator will set a Status bit and send a sta-
tus message to the host whenever the output voltage
drops below 90% of the rated output voltage. The bit
will be cleared when the output voltage returns to 94%
of rated value.
If the Buck regulator output voltage falls below 80% of
rated output voltage, the system will shutdown with a
“Brown-out Error”. This will notify the Host of a power
failure and subsequent loss of configuration.
The Voltage Supervisor is designed to shutdown the
buck regulator when VDD rises above OVLOSTOP.
When shutting down the buck regulator is not desir-
able, the user should add a voltage suppression
device to the VDD input in order to prevent VDD from
rising above OVLOSTOP.
The Voltage Supervisor is also designed to shutdown
the buck regulator when VDD falls below UVLOSTOP.
4.1.4
CHARGE PUMP
An unregulated charge pump is utilized to boost the
input to the +12V LDO during low-input conditions.
When the input bias to the device (VDD) drops below
CPSTART, the charge pump is activated. When activated,
2 x VDD is presented to the input of the +12V LDO,
which maintains a minimum +10V at its output.
The typical charge pump flying capacitor is a 0.1 µF to
1.0 µF ceramic capacitor.
4.1.5
SUPERVISOR
The bias generator incorporates a voltage supervisor
and a temperature supervisor.
4.1.5.1
Voltage Supervisor
The voltage supervisor protects the device, external
power MOSFETs, and the external microcontroller
from damage due to overvoltage or undervoltage of
the input supply, VDD.
In the event of an undervoltage condition, VDD <
+5.5V, the motor drivers are switched off. The bias
generator, communication port, and the remainder of
the motor control unit remain active. The failure state
is flagged on the DE2 pin with a status message. In
extreme overvoltage conditions, VDD > +32V, all func-
tions are turned off.
4.1.5.2
Temperature Supervisor
An integrated temperature sensor self protects the
device circuitry. If the temperature rises above the
overtemperature shutdown threshold, all functions are
turned off. Active operation resumes when the
temperature has cooled down below a set hysteresis
value and the fault has been cleared by toggling CE.
It is desirable to signal the microcontroller with a warn-
ing message before the overtemperature threshold is
reached. The microcontroller should take appropriate
actions to reduce the temperature rise. The method to
signal the microcontroller is through the DE2 pin.
4.2
MOTOR CONTROL UNIT
The motor control unit is comprised of the following:
• External Drive for a 3-Phase Bridge with NMOS/
NMOS MOSFET pairs
• Three Motor Current Sense Amplifiers
• Motor Overcurrent Comparator
4.2.1
MOTOR CURRENT SENSE
CIRCUITRY
The internal motor current sense circuitry consists of
an operational amplifier and comparator. The amplifier
output is presented to the inverting comparator input
and as an output to the microcontroller. The non-
inverting comparator input is connected to an internally
programmable 8-bit DAC. A selectable motor current
limit threshold may be set with a SET_ILIMIT message
from the host to the MCP8024 via the DE2
communications link. The 8-bit DAC is powered by the
5V supply. The DAC output voltage range is 0.991V to
4.503V. The DAC has a bit value of (4.503V - 0.991V) /
(2^8 - 1) = 13.77 mV/bit. A DAC input of 00H yields a
DAC output voltage of 0.991V. The default power-up
DAC value is 40H (1.872V).
The DAC uses a 100
kHz filter. Input code to output voltage delay is
L
MAX
V
O
1
V
O
V
IN
--------
–


T
2
I
OCRIT

----------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com