Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology MCP8024 Datasheet HTML 29Page - Microchip Technology MCP8024 Datasheet HTML 30Page - Microchip Technology MCP8024 Datasheet HTML 31Page - Microchip Technology MCP8024 Datasheet HTML 32Page - Microchip Technology MCP8024 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 29
MCP8024
5.0
APPLICATION INFORMATION
5.1
Component Calculations
5.1.1
CHARGE PUMP CAPACITORS
FIGURE 5-1: Charge Pump.
Let:
• Iout = 20 mA
• Fcp = 75 kHz (charge/discharge in one cycle)
• 50% duty cycle
•VDD = 6V (worst case)
• RDSON = 7.5  (RPMOS), 3.5  (RNMOS)
•Vout = 2 x VDD (ideal)
•CESR = 20 m (ceramic capacitors)
• Vdrop = 100 mV (Vout ripple)
•Tchg
= Tdchg = 0.5 * 1/75 kHz = 6.67 µs
5.1.1.1
Flying Capacitor
The flying capacitor should be chosen to charge to a
minimum of 95% (3
) of VDD within one half of a
switching cycle.
3 *
= Tchg
 = Tchg/3
RC = Tchg/3
C = Tchg/(R * 3)
C = 6.67 µs/([7.5
 + 3.5 + 0.02] * 3)
C = 202 nF
Choose a 180 nF capacitor.
5.1.1.2
Charge Pump Output Capacitor
Solve for the charge pump output capacitance,
connected between V12P and ground, that will supply
the 20 mA load for one switch cycle. The 12VLDO pin
on the MCP8024 is the "V12P" pin referenced in the
calculations.
C = Iout * dt/dV
C = Iout * 13.3 µs/(Vdrop + Iout * CESR)
C = 20 mA * 13.3 µs/(0.1V + 20 mA * 20 m
)
C >= 2.65 µF
5.1.1.3
Charging Path (Flying Capacitor
across CAP1 and CAP2)
VCAP = VDD (1 - e -T/t)
VCAP = 6V (1 - e -[6.67 µs / ([7.5 + 3.5 + 20 m] * 180 nF)])
VCAP = 5.79V available for transfer
5.1.1.4
Transfer Path (Flying and Output
Capacitors)
V12P = VDD + VCAP - IOUT * dt / C
V12P = 6V + 5.79V - (20 mA * 6.67 µs / 180 nF)
V12P = 11.049V
5.1.1.5
Calculate the Flying Capacitor
Voltage Drop in One Cycle While
Supplying 20 mA
dv = Iout * dt / C
dv = 20 mA * 6.67 µs / 180 nF
dv = 0.741V @ 20 mA
The second and subsequent transfer cycles will have a
higher voltage available for transfer since the capacitor
is not completely depleted with each cycle. VCAP will
then be VCAP - dV after the first transfer, plus VDD -
(VCAP - dV) times the RC constant. This repeats for
each subsequent cycle, allowing a larger charge pump
capacitor to be used if the system will tolerate several
charge transfers before requiring full-output voltage
and current.
Repeating section 5.1.1.3 for the second cycle (and
subsequent by re-calculating for each new value of
VCAP after each transfer):
VCAP = (VCAP - dV) + (VDD - (VCAP - dV)) (1 - e -T/t)
VCAP = (5.79V - 0.741V) + (6V - (5.79V - 0.741V) *
(1 - e-[6.67 μs/([7.5Ω + 3.5Ω + 20 mΩ] * 180 nF)])
VCAP = 5.049V + 0.951V * 0.96535
VCAP = 5.967V available for transfer on second cycle
5.1.1.6
Charge Pump Results
The maximum charge pump flying capacitor value is
202 nF to maintain a 95% voltage transfer ratio on the
first charge pump cycle. Larger capacitor values may
be used but they will require more cycles to charge to
maximum voltage. The minimum required output
capacitor value is 2.65 µF to supply 20 mA for 13.3 µs
with a 100 mV drop. A larger output capacitor may be
used to cover losses due to capacitor tolerance over
temperature, capacitor dielectric and PCB losses.
These are approximate calculations. The actual volt-
ages may vary due to incomplete charging or discharg-
ing of capacitors per cycle due to load changes. The
charge pump calculations assume the charge pump is
able to charge up the external boot cap within a few
cycles.
Transfer
Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com