Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology MCP8024 Datasheet HTML 10Page - Microchip Technology MCP8024 Datasheet HTML 11Page - Microchip Technology MCP8024 Datasheet HTML 12Page - Microchip Technology MCP8024 Datasheet HTML 13Page - Microchip Technology MCP8024 Datasheet HTML 14Page - Microchip Technology MCP8024 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 11
MCP8024
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated: TA = +25°C; Junction Temperature (TJ) is approximated by soaking the device under
test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the
rise in Junction temperature over the Ambient temperature is not significant.
FIGURE 2-1: LDO Line Regulation vs
Temperature.
FIGURE 2-2: LDO Load Regulation vs
Temperature.
FIGURE 2-3: 5V LDO Power Supply Ripple
Rejection vs Frequency.
FIGURE 2-4: 12 V LDO Power Supply Ripple
Rejection vs Frequency.
FIGURE 2-5: LDO Short Circuit Current vs Input
Voltage.
.
FIGURE 2-6: 5V LDO Dynamic Linestep -
Rising VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.000
0.002
0.004
0.006
0.008
0.010
-45
-30
-15
0
15
30
45
60
75
90
105
120
135
150
Temperature (°C)
V
OUT = 5V
V
OUT = 12V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-45
-30
-15
0
15
30
45
60
75
90
105
120
135
150
Temperature (°C)
V
OUT = 5V
V
OUT = 12V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.10
1.00
10.00
100.00
1000.00
Frequency (kHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.10
1.00
10.00
100.00
1000.00
Frequency (kHz)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
7
1013161922252831
Voltage (V)
5V LDO
12V LDO
-100
-50
0
50
100
150
200
0
3
6
9
12
15
18
0
50
100
150
200
250
Time (µs)
Vin = 14V
Vin = 15V
Vout (AC)
Cin = Cout = 10 µF
Iout = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com