Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology MCP8024 Datasheet HTML 29Page - Microchip Technology MCP8024 Datasheet HTML 30Page - Microchip Technology MCP8024 Datasheet HTML 31Page - Microchip Technology MCP8024 Datasheet HTML 32Page - Microchip Technology MCP8024 Datasheet HTML 33Page - Microchip Technology MCP8024 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
MCP8024
DS20005228A-page 30
 2013 Microchip Technology Inc.
5.1.2
BOOTSTRAP CAPACITOR
The high-side driver bootstrap capacitor needs to
power the high-side driver and gate for 1/3 of the motor
electrical period for a 3-phase BLDC motor.
Let:
• MOSFET driver current: 300 mA
• PWM period: 50 µs (20 kHz) to 50 ms (20Hz)
• Minimum duty cycle: 1% (500 ns to 500 µs)
• Maximum duty cycle: 99% (49.5 µs to 49.5 ms)
•Vin = 12V
• Minimum gate drive voltage: 8V (VGS)
• Total gate charge: 130 nC (80A MOSFET)
•Allowable VGS drop (VDROP): 3V (12V - 3V = 9V)
• Switch RDSON: 100 m
• Driver bias current: 20 µA (IBIAS)
• Switching transition time (tSW): 40 ns
Solve for the smallest capacitance that can supply:
- 130 nC of charge to the MOSFET gate
- 1 Megohm Gate-Source resistor current
- Driver bias current and switching losses
QMOSFET = 130 nC
QRESISTOR = [(VGS/R) * TON]
QDRIVER = (IBIAS * TON + IDRIVER * tSW)
TON = 49.5 ms (99% DC) for worst case.
QRESISTOR = (12V/1 Megohm) * 49.5 ms
QRESISTOR = 594 nC
QDRIVER = 20 µA * 49.5 ms + 300 mA * 40 ns
QDRIVER = 1.002 µC
Sum all of the energy requirements:
C = (QMOSFET + QRESISTOR + QDRIVER)/VDROP
C = (130 nC + 594 nC + 1.002 µC) / 3V
C = 575 nF
Choose a bootstrap capacitor value that is larger than
575 nF.
5.1.3
BUCK SWITCHER
5.1.3.1
Calculate the Buck Inductor for
Discontinuous Mode Operation
Let:
Vin = 6V (worse case)
Vout = 3.3V
Iout = 225 mA
Switching Frequency (FSW): 468 kHz (TSW = 2.137 µs)
LMAX  Vout * (1 - Vout / Vin) * TSW / (2 * Iout)
LMAX  3.3V * (1 - 3.3V/6.0V) * 2.137 µs / (2 * 225 mA)
LMAX  7.05 µH
Choose an inductor
 7.05 µH to ensure Discontinuous
Conduction mode.
Table 5-1 shows the various maximum inductance val-
ues for a worst case input voltage of 6V and various
output voltages.
5.1.3.2
Determine the Peak Switch Current
for the Calculated Inductor
Ipeak = (Vs - Vo) * D * T/L
Ipeak = (6V - 3.3V) * (3.3V/6.0V) * 2.137 µs / 7.05 µH
Ipeak = 450 mA
5.1.3.3
Setting the Buck Output Voltage
The buck output voltage is set by a resistor voltage
divider from the inductor output to ground. The divider
center tap is fed back to the MCP8024 FB pin. The FB
pin is compared to an internal 1.25V reference voltage.
When the FB pin voltage drops below the reference
voltage, the Buck duty cycle increases. When the FB
pin rises above the reference voltage, the Buck duty
cycle decreases.
FIGURE 5-2: Typical Buck Application.
Start with an R2 value of 10K to 51K to minimize current
through the divider.
VBUCK = 1.25V * (R1 + R2) / R2
OUTPUT
CONTROL
LOGIC
VDD
+
-
LX
FB
+
-
Q1
CURRENT_REF
VDD-12V
BANDGAP
REFERENCE
+
-
R1
R2
C1
L1
D1
Sc hottky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com