Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 3Page - Microchip Technology MCP8024 Datasheet HTML 4Page - Microchip Technology MCP8024 Datasheet HTML 5Page - Microchip Technology MCP8024 Datasheet HTML 6Page - Microchip Technology MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology MCP8024 Datasheet HTML 10Page - Microchip Technology MCP8024 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 7
MCP8024
Feedback Voltage Line
Regulation
VFB/VFB) /
VDD|
—
0.1
0.5
%/V
VDD = 6V to 28V
Feedback Voltage Load
Regulation
VFB / VFB|—
0.1
0.5
%
IOUT = 5 mA to 150 mA
Feedback Input Bias Current
IFB
-100
—
+100
nA
Sink/Source
Switching Frequency
fSW
—
461
—
kHz
Duty Cycle Range
DCMAX
3—
96
%
PMOS Switch On Resistance
RDSON
—0.6
—
Ω
VDD = 13V, TJ=25°C
PMOS Switch Current Limit
IP(MAX)
—2.5
—
A
Ground Current – PWM Mode
IGND
—
1.5
2.5
mA
Switching
Quiescent Current – PFM
Mode
IQ
—
150
200
AIOUT = 0mA
Output Voltage Adjust Range
VOUT
2.0
—
5.0
V
Output Current
IOUT
150
——mA
5v
250
—
—
3v
Output Power
POUT
—
750
—
mW
P = IOUT * VOUT
Voltage Supervisor
Undervoltage Lockout Start
UVLOSTRT
—6.0
6.25
V
VDD rising
Undervoltage Lockout Stop
UVLOSTOP
5.1
5.5
—
V
VDD falling
Undervoltage Lockout
Hysteresis
UVLOHYS
0.35
0.5
0.65
V
Overvoltage Lockout All
Functions Disabled
OVLOSTOP
—
32.0
33.0
V
VDD rising
Overvoltage Lockout All
Functions Enabled
OVLOSTRT
29.0
30.0
—
V
VDD falling
Overvoltage Lockout
Hysteresis
OVLOHYS
1.0
2.0
3.0
V
Temperature Supervisor
Thermal Warning
Temperature (115°C)
TWARN
—
72
—
%
Rising temperature,
percentage of thermal
shutdown temperature “MIN”
Thermal Warning Hysteresis
TWARN
—
15
—
°C
Falling temperature
Thermal Shutdown
Temperature
TSD
160
170
—
°C
Rising temperature
Thermal Shutdown Hysteresis
TSD
—
25
—
°C
Falling temperature
MOTOR CONTROL UNIT
Output Drivers
PWMH/L Input Pull-Down
RPULLDN
32
47
62
kΩ
AC/DC CHARACTERISTICS (CONTINUED)
El
ectrical Specifications: Unless otherwise noted TJ = -40°C to +150°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation may cause the device operating junction temperature to exceed the
maximum 160°C rating. Sustained junction temperatures above 150°C can impact the device reliability
and OTP data retention.
2:
1000 hour cumulative maximum for OTP data retention (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com