Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 11Page - Microchip Technology MCP8024 Datasheet HTML 12Page - Microchip Technology MCP8024 Datasheet HTML 13Page - Microchip Technology MCP8024 Datasheet HTML 14Page - Microchip Technology MCP8024 Datasheet HTML 15Page - Microchip Technology MCP8024 Datasheet HTML 16Page - Microchip Technology MCP8024 Datasheet HTML 17Page - Microchip Technology MCP8024 Datasheet HTML 18Page - Microchip Technology MCP8024 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 15
MCP8024
3.0
PIN DESCRIPTIONS
3.1
Functional Pin Descriptions
Pin No.
QFN
Pin No.
TQFP
Symbol
I/O
Description
1
48
PWM2H
I
Digital input, phase B high-side control, 47K pulldown
2
1
PWM1L
I
Digital input, phase A low-side control, 47K pulldown
3
2
PWM1H
I
Digital input, phase A high-side control, 47K pulldown
4
3
CE
I
Digital input, device enable, 47K pulldown
-
4
LV_OUT2
O
Digital logic level translated output interface, open drain
-
5
HV_IN2
I
High-voltage input interface, 30K pullup via Configuration register 0 bit 6
5
6
HV_IN1
I
High-voltage input interface, 30K pullup via Configuration register 0 bit 6
-
7
PGND
Power
Power 0V reference
6
8
LV_OUT1
O
Digital logic level translated output interface, open drain
7
9
I_OUT3
O
Motor phase current sense amplifier output
8
10
ISENSE3-
I
Motor phase current sense amplifier inverting input
9
11
ISENSE3+
I
Motor phase current sense amplifier non-inverting input
10
12
I_OUT2
O
Motor phase current sense amplifier output
11
13
ISENSE2-
I
Motor phase current sense amplifier inverting input
12
14
ISENSE2+
I
Motor phase current sense amplifier non-inverting input
13
15
/ILIMIT_OUT O
Current limit comparator, MOSFET driver fault output, open drain
14
16
I_OUT1
O
Motor current sense amplifier output
15
17
ISENSE1-
I
Motor current sense amplifier inverting input
16
18
ISENSE1+
I
Motor current sense amplifier non-inverting input
17
19,20
PGND
Power
Power 0V reference
18
21
LA
O
Phase A low-side N-Channel MOSFET driver, active-high
19
22
LB
O
Phase B low-side N-Channel MOSFET driver, active-high
20
23
LC
O
Phase C low-side N-Channel MOSFET driver, active-high
-
24
PGND
Power
Power 0V reference
21
25
HC
O
Phase C high-side N-Channel MOSFET driver, active-high
22
26
HB
O
Phase B high-side N-Channel MOSFET driver, active-high
23
27
HA
O
Phase A high-side N-Channel MOSFET driver, active-high
24
28
PHC
I/O
Phase C high-side MOSFET driver reference, back EMF sense input
25
29
PHB
I/O
Phase B high-side MOSFET driver reference, back EMF sense input
26
30
PHA
I/O
Phase A high-side MOSFET driver reference, back EMF sense input
27
31
VBC
Power
Phase C high-side MOSFET driver bias
28
32
VBB
Power
Phase B high-side MOSFET driver bias
29
33
VBA
Power
Phase A high-side MOSFET driver bias
30
34
+12V
Power
Analog circuitry and low-side gate drive bias
-
35,36
PGND
Power
Power 0V reference
31
37
LX
Power
Buck regulator switch node, external inductor connection
32
38, 39
VDD
Power
Input supply
33
40
FB
I
Buck regulator feedback node
34
41
+5V
Power
Internal circuitry bias
35
42
CAP2
Power
Charge pump flying capacitor input
36
43
CAP1
Power
Charge pump flying capacitor input
37
44
DE2
O
Voltage and temperature supervisor output, open drain
38
45
PWM3L
I
Digital input, phase C low-side control, 47K pulldown
39
46
PWM3H
I
Digital input, phase C high-side control, 47K pulldown
40
47
PWM2L
I
Digital input, phase B low-side control, 47K pulldown
EP
EP
PGND
Power
Exposed Pad, Connect to Power 0V reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com