Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 5Page - Microchip Technology MCP8024 Datasheet HTML 6Page - Microchip Technology MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology MCP8024 Datasheet HTML 10Page - Microchip Technology MCP8024 Datasheet HTML 11Page - Microchip Technology MCP8024 Datasheet HTML 12Page - Microchip Technology MCP8024 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 9
MCP8024
CommonModeRejectionRatio
CMRR
65
80
—
dB
Freq = 1 kHz, IOUT = 10 µA
Maximum Output Voltage
Swing
VOL, VOH
0.05
—
4.5
V
IOUT = 200 µA
Slew Rate
SR
—
7—
V/
sSymmetrical
Gain Bandwidth Product
GBWP
—
10.0
—
MHz
Current Comparator
Hysteresis
CCHYS
—10—
mV
Current Comparator Common
Mode Input Range
VCC_CMR
1.0
—
4.5
V
Current Limit DAC
Resolution
—
8
—
Bits
Output Voltage Range
VOL, VOH
0.991
—
4.503
V
IOUT = 1 mA
Output Voltage
VDAC
—
—
—
—
—
0.991
1.872
4.503
—
—
—
—
V
Code * 13.77 mV/Bit + 0.991V
Code 00H
Code 40H
Code FFH
Input to Output Delay
TDELAY
—
50
—
µs
5 time constants of 100 kHz filter
Integral Nonlinearity
INL
-0.5
—
+0.5
%FSR
%Full Scale Range
Differential Nonlinearity
DNL
-50
—
+50
%LSB
%LSB
ILIMIT_OUT Sink Current
(Open-Drain)
ILOUT
—1—
mA
VILIMIT_OUT <= 50mV
Voltage Level Translator
High-Voltage Input Range
VIN
0
—
VDD
V
Low-Voltage Output Range
VOUT
0
—
5.0V
V
Input Pull-up Resistor
RPU
20
30
47
kΩ
High-Level Input Voltage
VIH
0.60
—
—
VDD
VDD = 15V
Low-Level Input Voltage
VIL
—
—
0.40
VDD
VDD = 15V
Input Hysteresis
VHYS
—
—
0.30
VDD
Propagation Delay
TLV_OUT
—
3.0
6.0
µs
Maximum Communication
Frequency
FMAX
—
—
20
kHz
Low-Voltage Output Sink
Current (Open-Drain)
IOL
—
1
—
mA
VOUT <= 50 mV
OTP Data Retention
OTP Cell High Temperature
Operating Life
HTOL
—
1000
—
Hours
TJ = 150°C (Note 2)
OTP Cell Operating Life
—
10
—
Years
TJ = 85°C
AC/DC CHARACTERISTICS (CONTINUED)
El
ectrical Specifications: Unless otherwise noted TJ = -40°C to +150°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation may cause the device operating junction temperature to exceed the
maximum 160°C rating. Sustained junction temperatures above 150°C can impact the device reliability
and OTP data retention.
2:
1000 hour cumulative maximum for OTP data retention (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com