Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology MCP8024 Datasheet HTML 29Page - Microchip Technology MCP8024 Datasheet HTML 30Page - Microchip Technology MCP8024 Datasheet HTML 31Page - Microchip Technology MCP8024 Datasheet HTML 32Page - Microchip Technology MCP8024 Datasheet HTML 33Page - Microchip Technology MCP8024 Datasheet HTML 34Page - Microchip Technology MCP8024 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 31
MCP8024
5.2
Device Overvoltage Protection
When a motor shaft is rotating and power is removed,
the magnetism of the motor components will cause the
motor to act like a generator. The current that was flow-
ing into the motor will now flow out of the motor. As the
motor magnetic field decays, the generator output will
also decay. The voltage across the generator terminals
will be proportional to the generator current and circuit
impedance of the generator circuit. If the power supply
is part of the return path for the current and the power
supply is disconnected, then the voltage at the genera-
tor terminals will increase until the current flows. This
voltage increase must be handled external to the driver.
A voltage suppression device must be used to clamp
the motor terminal voltage to a level that will not exceed
the maximum motor operating voltage. A voltage sup-
pressor should be connected from ground to each
motor terminal. The PCB traces must be capable of
carrying the motor current with minimum voltage and
temperature rise.
An additional method is to inactivate the high-side driv-
ers and to activate the low-side drivers. This allows cur-
rent to flow through the low-side external MOSFETs
and prevent the voltage increases at the power supply
terminals.
TABLE 5-1:
MAX INDUCTANCE FOR BUCK DISCONTINUOUS MODE OPERATION
Vin
(worst case)
Vout
Iout
Max. Inductance
6
3V
250 mA
7.12 µH
6
3.3V
225 mA
7.05 µH
6
5.0V
150 mA
5.94 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com