Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 12Page - Microchip Technology MCP8024 Datasheet HTML 13Page - Microchip Technology MCP8024 Datasheet HTML 14Page - Microchip Technology MCP8024 Datasheet HTML 15Page - Microchip Technology MCP8024 Datasheet HTML 16Page - Microchip Technology MCP8024 Datasheet HTML 17Page - Microchip Technology MCP8024 Datasheet HTML 18Page - Microchip Technology MCP8024 Datasheet HTML 19Page - Microchip Technology MCP8024 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP8024
DS20005228A-page 16
 2013 Microchip Technology Inc.
3.2
VDD
Connect VDD to the main supply voltage. This voltage
must not exceed the maximum operating limits of the
device. Connect a bulk capacitor close to this pin for
good load step performance and transient protection.
The type of capacitor used can be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and PSRR perfor-
mance at high frequency.
3.3
PGND, Exposed Pad (EP)
Device ground. The PCB ground traces should be
short,
wide, and form a STAR pattern to the power
source. The Exposed Pad (EP) PCB area should be a
copper pour with thermal vias to help transfer heat
away from the device.
3.4
+12V
+12 volt Low Dropout (LDO) voltage regulator output.
The +12V LDO may be used to power external devices
such as Hall-effect sensors or amplifiers. The LDO
requires an output capacitor for stability. The positive
side of the output capacitor should be physically
located as close to the +12V pin as is practical. For
most applications, 4.7 µF of capacitance will ensure
stable operation of the LDO circuit.
The type of capacitor used can be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and PSRR perfor-
mance at high frequency.
3.5
+5V
+5 volt Low Dropout (LDO) voltage regulator output.
The +5V LDO may be used to power external devices
such as Hall-effect sensors or amplifiers. The LDO
requires an output capacitor for stability. The positive
side of the output capacitor should be physically
located as close to the +5V pin as is practical. For most
applications, 4.7 µF of capacitance will ensure stable
operation of the LDO circuit.
The type of capacitor used can be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and PSRR
performance at high frequency.
3.6
LX
Buck
regulator
switch
node
external
inductor
connection. Connect this pin to the external inductor
chosen for the buck regulator.
3.7
FB
Buck regulator feedback node that is compared with
internal 1.25V reference voltage. Connect this pin to a
resistor divider that sets the buck regulator output
voltage. Connecting this pin to the +5V LDO output
disables the buck regulator.
3.8
CAP1, CAP2
Charge pump flying capacitor inputs. Connect the
charge pump capacitor across these two pins.
3.9
CE
Chip Enable input used to enable/disable the output
driver and on-board functions. When CE is high, all
device functions are enabled. When CE is low, the
device operates in Reduced mode. The H-Bridge, cur-
rent amplifiers and 12V LDO are disabled. The buck
regulator, 5V LDO, DE2, voltage and temperature sen-
sor functions are not affected.
The CE is also used to clear any hardware faults. When
a fault occurs, the CE input may be used to clear the
fault by setting the pin low and then high again. The
fault is cleared by the rising edge of the CE signal if the
hardware fault is no longer active.
The CE pin has an internal 47K pulldown.
3.10
I_OUT1, I_OUT2, I_OUT3
Current sense amplifier output. May be used with feed-
back resistors to set the current sense gain.
3.11
ISENSE1, ISENSE2, ISENSE3 +/-
Current sense amplifier inverting and non-inverting
inputs. Used in conjunction with I_OUTx pins to set cur-
rent sense gain.
3.12
/ILIMIT_OUT
Current limit output signal. The open-drain output goes
low when the current sensed by current sense amplifier
1 exceeds the value set by the internal current refer-
ence DAC. The DAC has an offset of 0.991V (typical)
which represents zero current flow. The open-drain out-
put will also go low while a motor fault is active.
3.13
PWM1H, PWM2H, PWM3H
Digital PWM inputs for high-side driver control. Each
input has a 47K pulldown to ground. The PWM signals
may contain dead-time timing or the system may use
the Configuration register 2 to set the dead time.
3.14
PWM1L, PWM2L, PWM3L
Digital PWM inputs for low-side driver control. Each
input has a 47K pulldown to ground. The PWM signals
may contain dead-time timing or the system may use
the Configuration register 2 to set the dead time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com