Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 19Page - Microchip Technology MCP8024 Datasheet HTML 20Page - Microchip Technology MCP8024 Datasheet HTML 21Page - Microchip Technology MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 23
MCP8024
4.4.2
LEVEL TRANSLATOR
The level translator is an interface between the com-
panion microcontrollers logic levels and the input volt-
age levels from the system. Typically, the input is
driven from the Engine Control Unit (ECU). The level
translator is a unidirectional translator. Signals on the
high-voltage input are translated to low-voltage signals
on the low-voltage outputs. The high-voltage HV_INx
inputs have a configurable 30K pullup. The pullup is
configured via a SET_CFG_0 message. Bit 6 of the
register controls the state of the pullup. The bit may
only be changed when the CE pin is active. The low-
voltage LV_OUTx outputs are open-drain outputs.
Note:
The TQFP package has two level translators.
The second level translator typically inter-
faces to an Ignition Key ON/OFF signal.
4.5
HOST COMMUNICATIONS
4.5.1
DE2 COMMUNICATIONS
A single-wire, half-duplex, 9600 baud, 8-bit bidirec-
tional communications interface is implemented using
the open-drain DE2 pin. The interface consists of eight
data bits, one Stop bit, and one Start bit. The imple-
mentation of the interface is described in the following
sections. A 2K resistor should typically be used
between the host transmit pin and the MCP8024 DE2
pin to allow the MCP8024 to drive the DE2 line when
the host TX pin is at an idle high level.
The DE2 communications is active when CE = 0 with
the constraint that the MCP8024 will not initiate any
messages. The host processor may initiate messages
regardless of the state of the CE pin. The MCP8024
will respond to host commands when the CE pin is
low.
4.5.2
PACKET FORMAT
Every internal status change will provide a communica-
tion to the microcontroller. The interface uses a stan-
dard UART baud rate of 9600 bits per second.
In the DE2 protocol, the transmitter and the receiver do
not share a clock signal. A clock signal does not ema-
nate from one transmitter to the other receiver. Due to
this reason the protocol is asynchronous. The protocol
uses only one line to communicate, so the transmit/
receive packet must be done in Half-Duplex mode. A
new transmit message is allowed only when a com-
plete packet has been transmitted.
The Host must listen to the DE2 line in order to check
for contentions. In case of contention, the host must
release the line and wait for at least three packet-length
times before initiating a new transfer.
Figure 4-2
illustrates a basic DE2 data packet.
4.5.3
PACKET TIMING
While no data is being transmitted, a logic ‘1’ must be
placed on the open-drain DE2 line by an external pull-
up resistor. A data packet is composed of one Start bit,
which is always a logic ‘0’, followed by eight data bits,
and a Stop bit. The Stop bit must always be a logic ‘1’.
It takes 10 bits to transmit a byte of data.
The device detects the Start bit by detecting the transi-
tion from logic 1 to logic 0 (note that while the data line
is idle, the logic level is high). Once the Start bit is
detected, the next data bit’s “center” can be assured to
be 24 ticks minus 2 (worst case synchronizer uncer-
tainty) later. From then on, every next data bit center is
16 clock ticks later. Figure 4-3 illustrates this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com