Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 18Page - Microchip Technology MCP8024 Datasheet HTML 19Page - Microchip Technology MCP8024 Datasheet HTML 20Page - Microchip Technology MCP8024 Datasheet HTML 21Page - Microchip Technology MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MCP8024
DS20005228A-page 22
 2013 Microchip Technology Inc.
4.2.3.1
External Driver Protection Features
Each driver is equipped with Undervoltage Lock Out
(UVLO) and short circuit protection features.
4.2.3.1.1 Driver Undervoltage Lock Out (UVLO)
At anytime the driver bias voltage is below the Driver
Undervoltage Lock Out threshold (DUVLO), the driver will
not turn ON when commanded ON. A driver fault will be
indicated
to
the
host
microcontroller
on
the
ILIMIT_OUT, open-drain output pin and also via a DE2
communications Status 1 message. This is a latched
fault. Clearing the fault requires either removal of
device power or disabling and re-enabling the device
via the device enable input (CE). Bit 3 of the
Configuration 0 register is used to enable or disable the
Driver Undervoltage Lockout feature. This protection
feature prevents the external MOSFETs from being
controlled with a gate voltage not suitable to fully
enhance the device.
4.2.3.1.2 External MOSFET Short Circuit Current
Short circuit protection monitors the voltage across the
external MOSFETs during an ON condition. If the volt-
age rises above a user configurable threshold, all driv-
ers will be turned OFF. A driver fault will be indicated
to the host microcontroller on the open-drain ILIM-
IT_OUT output pin and also via a DE2 communica-
tions Status
1
message. This is a latched fault.
Clearing the fault requires either removal of device
power or disabling and re-enabling the device via the
device enable input (CE). This protection feature helps
detect internal motor failures such as winding to case
shorts.
Note:
The
driver
short-circuit
protection
is
dependent on application parameters. A
configuration message is provided for a set
number of threshold levels. In addition,
Driver UVLO and/or short-circuit protection
has the option to be disabled.
The short-circuit voltage may be set via a DE2
Set_Cfg_0
message. Bits 0 and 1 are used to select the
voltage level for the short circuit comparison. If the
voltage across the MOSFET drain-source exceeds the
selected voltage level, a fault will be triggered. The
selectable voltage levels are 250 mV, 500 mV, 750 mV,
and 1000 mV. Bit 2 of the Configuration 0 register is
used to enable or disable the short-circuit detection.
4.2.3.2
Gate Control Logic
The gate control logic provides level shifting of the dig-
ital inputs, polarity control, and cross conduction pro-
tection. Cross conduction protection is performed in
two ways.
4.2.3.2.1 Cross Conduction Protection
First, logic prevents switching ON one power MOSFET
while the opposite one in the same half-bridge is
already switched ON. If both MOSFETs in the same
half-bridge are commanded on simultaneously by the
digital inputs, both will be turned OFF.
4.2.3.2.2 Programmable Dead Time
Second, the gate control logic employs a break-
before-make dead-time delay that is programmable. A
configuration message is provided to configure the
driver dead time. The allowable dead times are 250
ns, 500 ns, 1 µs and 2 µs.
4.2.3.2.3 Programmable Blanking Time
A configuration message is provided to configure the
driver current limit blanking time. The blanking time
allows the system to ignore any current spikes that
may occur when switching outputs. The allowable
blanking times are 500 ns, 1 µs, 2µs, and 4µs
(default). The blanking time will start after the dead
time circuitry has timed out.
4.3
CHIP ENABLE (CE)
The Chip Enable (CE) pin allows the device to be dis-
abled by external control. When the Chip Enable pin is
not active, the following subsystems are disabled:
• high side gate drives (HA, HB, HC)
• low side gate drives (LA, LB, LC)
• 12V LDO
• 30K pull-up resistor connected to the level trans-
lator is switched out of the circuit to minimize cur-
rent consumption (configurable).
The 5V LDO and Buck Regulator stay enabled. The
DE2 communications port remains active but the port
may only respond to commands. When CE is inactive,
the DE2 port is prevented from initiating communica-
tions in order to conserve power.
The total current consumption of the device when CE
is inactive (device disabled) stays within the “input qui-
escent current” limits specified in the device character-
istics table.
4.4
COMMUNICATION PORTS
The communication ports provide a means of commu-
nicating to the host system.
4.4.1
DE2 COMMUNICATIONS PORT
A half-duplex 9600 baud UART interface is available to
communicate with an external host. The port is used to
configure the MCP8024 and also for status and fault
messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com