Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 20Page - Microchip Technology MCP8024 Datasheet HTML 21Page - Microchip Technology MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
MCP8024
DS20005228A-page 24
 2013 Microchip Technology Inc.
FIGURE 4-2:
DE2 PACKET FORMAT.
FIGURE 4-3:
DE2 PACKET TIMING.
4.5.4
MESSAGING INTERFACE
A command byte will always have the most significant
bit 7 (msb) set to ‘1’. Bits 6 and 5 are reserved for future
use and should be set to ‘0’. Bits 4:0 are used for com-
mands. That allows for 32 possible commands.
4.5.4.1
Host to MCP8024
Messages sent from the host to the MCP8024 device
consist of either one or two eight-bit bytes. The first
byte transmitted is the command byte. The second
byte transmitted, if required, is the data for the com-
mand.
4.5.4.2
MCP8024 to Host
A solicited response byte from the MCP8024 device
will always echo the command byte with bit 7 set to ‘0’
(Response) and with bit 6 set to ‘1’ for Acknowledged
(ACK) or ‘0’ for Not Acknowledged (NACK). The sec-
ond byte, if required, will be the data for the host com-
mand. Any command that causes an error or is not
supported will receive a NACK response.
The MCP8024 may send unsolicited command
messages to the host controller. All messages to the
host controller do not require a response from the host
controller.
4.5.4.3
Messages
4.5.4.3.1 SET_CFG_0
There is a SET_CFG_0 message that is sent by the
host to the MCP8024 device to configure the device.
The SET_CFG_0 message may be sent to the device
at any time. The host is responsible for making sure
the system is in a state that will not be compromised
by sending the SET_CFG_0 message. The SET_CF-
G_0
message format is indicated in Table 4-2. The
response is indicated in Table 4-3.
4.5.4.3.2 GET_CFG_0
There is a GET_CFG_0 message that is sent by the
host to the MCP8024 device to retrieve the device
configuration register. The GET_CFG_0 message for-
mat is indicated in Table 4-2. The response is indi-
cated in Table 4-3.
4.5.4.3.3 STATUS_0/1
There is a STATUS_0/1 message that is sent by the
host to the MCP8024 device to retrieve the device
STATUS register. The STATUS_0/1 message may
also be sent to the host by the MCP8024 device to
inform the host of status changes. The STATUS_0/1
message format is indicated in Table 4-2. The
response is indicated in Table 4-3.
STOP
START
DE2
Message Format
B0
B1
B2
B3
B4
B5
B6
B7
STOP
START
B0
B1
B2
B3
B4
B5
B6
B7
TSTART = 1.5T – uncertainty on start
Detection (worse case: 2x TS)
TS = T/16 (oversampled bit-cell period)
Receiver samples the incoming data
using x16 baud rate clock
Sample incoming data
at the bit-cell center
TS
TSTART
T
T = 1/Baud Rate (bit-cell period)
Detect start bit by sensing
transition from logic 1 to logic 0
(worst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com