Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 4Page - Microchip Technology MCP8024 Datasheet HTML 5Page - Microchip Technology MCP8024 Datasheet HTML 6Page - Microchip Technology MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology MCP8024 Datasheet HTML 10Page - Microchip Technology MCP8024 Datasheet HTML 11Page - Microchip Technology MCP8024 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MCP8024
DS20005228A-page 8
 2013 Microchip Technology Inc.
Output Driver Source Current
ISOURCE
0.3
—
—
A
VDD = 12V, H[A:C], L[A:C]
Output Driver Sink Current
ISINK
0.3
—
—
A
VDD = 12V, H[A:C], L[A:C]
Output Driver Source
Resistance
RDSON
—17—
Ω
IOUT = 10 mA, VDD = 12V,
H[A:C], L[A:C]
Output Driver Sink Resistance
RDSON
—17—
Ω
IOUT = 10 mA, VDD = 12V,
H[A:C], L[A:C]
Output Driver UVLO
Threshold
DUVLO
7.2
8.0
—
V
Output Driver Bootstrap
Voltage (w/ respect to ground)
VBOOTSTRAP
—
—
—
—
44
48
V
Continuous
< 100 ms
Output Driver HS Drive
Voltage
VHS
8.0
-5.5
12
—
13.5
—
V
With respect to Phase pin
With respect to ground
Output Driver LS Drive
Voltage
VLS
8.0
12
13.5
V
With respect to ground
Output Driver Phase Pin
Voltage
VPHASE
-5.5V
—
34
V
With respect to ground
Output Driver Short Circuit
Protection Threshold
DSC
—
—
—
—
—
—
0.250
0.500
0.750
1.000
—
—
—
—
—
V
Set by DE2 CONFIG[1:0] word
00
- Default
01
10
11
Output Driver Short Circuit
Detected Propagation Delay
DSC_DEL
—
—
—
—
—
430
10
—
—
—
—
—
ns
CLOAD = 1000 pF, VDD =12V,
detection after blanking
detection during blanking, value
is delay after blanking
Output Driver Turn-off
Propagation Delay
TDEL_OFF
—
100
250
ns
CLOAD = 1000 pF, VDD =12V,
Output Driver Turn-on
Propagation Delay
TDEL_ON
—
100
250
ns
CLOAD = 1000 pF, VDD =12V,
Standby to Motor Operational
(CLOAD = 10 µF)
CE Low to Standby State
CE Fault Clearing Pulse
tMOTOR
tSTANDBY
tFAULT_CLR
—
—
—
1
10
—
10
—
50
10
—
—
µs
ms
µs
µs
CE High-Low-High Transition <
100 µs (Fault Clearing)
StandbystatetoOperationalstate
Time after CE = 0V
CE High-Low-High Transition
Time
Current Sense Amplifier
Input Offset Voltage
VOS
-3.0
—
+3.0
mV
VCM = 0V
TA = -40°C to +150°C
Input Offset Temperature Drift
VOS/TA
—
2.0
—
V/°C
VCM = 0V
Input Bias Current
IB
-1
—
+1
µA
Common Mode Input Range
VCMR
-0.3
—
3.5
V
AC/DC CHARACTERISTICS (CONTINUED)
El
ectrical Specifications: Unless otherwise noted TJ = -40°C to +150°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation may cause the device operating junction temperature to exceed the
maximum 160°C rating. Sustained junction temperatures above 150°C can impact the device reliability
and OTP data retention.
2:
1000 hour cumulative maximum for OTP data retention (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com