Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 10Page - Microchip Technology MCP8024 Datasheet HTML 11Page - Microchip Technology MCP8024 Datasheet HTML 12Page - Microchip Technology MCP8024 Datasheet HTML 13Page - Microchip Technology MCP8024 Datasheet HTML 14Page - Microchip Technology MCP8024 Datasheet HTML 15Page - Microchip Technology MCP8024 Datasheet HTML 16Page - Microchip Technology MCP8024 Datasheet HTML 17Page - Microchip Technology MCP8024 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MCP8024
DS20005228A-page 14
 2013 Microchip Technology Inc.
Note:
Unless otherwise indicated: TA = +25°C; Junction Temperature (TJ) is approximated by soaking the device under
test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the
rise in Junction temperature over the Ambient temperature is not significant.
FIGURE 2-19: Buck Snubber Turn Off.
FIGURE 2-20: Gate Driver RDSON vs
Temperature.
-4
0
4
8
12
16
20
0.06
0.08
0.10
0.12
0.14
0.16
0.18
Time (µs)
Snubber
No Snubber
Switch Off
0.00
5.00
10.00
15.00
20.00
25.00
30.00
-40
-15
10
35
60
85
110
135
160
Temperature (°C)
Hx Highside MOSFET
Hx Lowside MOSFET
Lx Lowside MOSFET
Lx Highside MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com