Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 2Page - Microchip Technology MCP8024 Datasheet HTML 3Page - Microchip Technology MCP8024 Datasheet HTML 4Page - Microchip Technology MCP8024 Datasheet HTML 5Page - Microchip Technology MCP8024 Datasheet HTML 6Page - Microchip Technology MCP8024 Datasheet HTML 7Page - Microchip Technology MCP8024 Datasheet HTML 8Page - Microchip Technology MCP8024 Datasheet HTML 9Page - Microchip Technology MCP8024 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCP8024
DS20005228A-page 6
 2013 Microchip Technology Inc.
Charge Pump Stop
CPSTOP
—
12.0
12.5
V
VDD rising
Charge Pump Frequency
(50% charging /
50% discharging)
CPFSW
—
—
76.80
0
—
—
kHz
VDD = 9.0V
VDD = 12.5V (stopped)
Charge Pump Switch
Resistance
CPRDSON
—14—
Ω
RDSON sum of high side and
low side
Output Voltage
VOUT12
10
12
—
V
VDD = VOUT12 + 1V, IOUT = 1 mA
Output Voltage Tolerance
|TOLVOUT12|—
—
4.0
%
VDD = VOUT12 + 1V, IOUT = 1 mA
Output Current
IOUT
20
—
—
mA
Average current
Output Current Limit
ILIMIT
30
40
—
mA
Average current
Output Voltage Temperature
Coefficient
TCVOUT12
—50—
ppm/°C
Line Regulation
|
VOUT/
(VOUTXVDD)|
—
0.1
0.5
%/V
13V < VDD < 19V, IOUT = 20 mA
Load Regulation
|
VOUT/VOUT|—
0.2
0.5
%
IOUT = 0.1 mA to 15 mA
Dropout Voltage
VDD-VOUT12
—
380
—
mV
IOUT = 20 mA,
measurement taken when
output voltage drops 2% from
no-load value.
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f = 1 kHz, IOUT = 10 mA
+5V Linear Regulator
Output Voltage
VOUT5
—5—
V
VDD = VOUT5 + 1V, IOUT = 1 mA
Output Voltage Tolerance
|TOLVOUT5|—
—
4.0
%
Output Current
IOUT
20
—
—
mA
Average current
Output Current Limit
ILIMIT
30
40
—
mA
Average current
Output Voltage Temperature
Coefficient
|TCVOUT5|—
50
—
ppm/°C
Line Regulation
|
VOUT/
(VOUTXVDD)|
—
0.1
0.5
%/V
6V < VDD < 19V, IOUT = 20 mA
Load Regulation
|
VOUT/VOUT|—
0.2
0.5
%
IOUT = 0.1 mA to 15 mA
Dropout Voltage
VDD-VOUT5
—
180
350
mV
IOUT = 20 mA,
measurement taken when
output voltage drops 2% from
no-load value.
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f = 1 kHz, IOUT = 10 mA
Buck Regulator
Feedback Voltage
VFB
1.19
1.25
1.31
V
Feedback Voltage Tolerance
TOLVFB
——
5.0
%
IFB = 1 µA
AC/DC CHARACTERISTICS (CONTINUED)
El
ectrical Specifications: Unless otherwise noted TJ = -40°C to +150°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation may cause the device operating junction temperature to exceed the
maximum 160°C rating. Sustained junction temperatures above 150°C can impact the device reliability
and OTP data retention.
2:
1000 hour cumulative maximum for OTP data retention (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com