Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology MCP8024 Datasheet HTML 25Page - Microchip Technology MCP8024 Datasheet HTML 26Page - Microchip Technology MCP8024 Datasheet HTML 27Page - Microchip Technology MCP8024 Datasheet HTML 28Page - Microchip Technology MCP8024 Datasheet HTML 29Page - Microchip Technology MCP8024 Datasheet HTML 30Page - Microchip Technology MCP8024 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
 2013 Microchip Technology Inc.
DS20005228A-page 27
MCP8024
TABLE 4-3:
DE2 COMMUNICATIONS MESSAGES FROM MCP8024 TO HOST
MESSAGE
BYTE BIT
VALUE
DESCRIPTION
STATUS_0
17:0 00000101 (05H)
01000101
(45H)
10000101
(85H)
Status Register 0 Response Not Acknowledged (Response)
Status Register 0 Response Acknowledged (Response)
Status Register 0 Command To Host (Unsolicited)
27:0 00000000
Normal Operation
00000001
Temperature Warning (TJ > 125°C (Default Warning Level))
00000010
Over Temperature (TJ > 160°C)
00000100
Input Undervoltage (VDD < 5.5V)
00001000
Reserved
00010000
Input Overvoltage (VDD > 32V)
00100000
Buck Regulator Overcurrent
01000000
Buck Regulator Output Undervoltage Warning
10000000
Buck Regulator Output Undervoltage (< 80%,brown-out error)
STATUS_1
17:0 00000110 (06H)
01000110
(46H)
10000110
(86H)
STATUS Register 1 Response Not Acknowledged (Response)
STATUS Register 1 Response Acknowledged (Response)
STATUS Register 1 Command To Host (Unsolicited)
27:0 00000000
Normal Operation
00000001
5V LDO Overcurrent
00000010
12V LDO Overcurrent
00000100
External MOSFET Undervoltage Lock Out (UVLO)
00001000
External MOSFET Overcurrent Detection
00010000
Brown-out Reset – Config Lost (Start-up default = 1)
00100000
Not Used
01000000
Not Used
10000000
Not Used
SET_CFG_0
17:0 00000001 (01H)
01000001
(41H)
Set Configuration Register 0 Not Acknowledged (Response)
Set Configuration Register 0 Acknowledged (Response)
27
0
Unused (Start-up Default)
6
0
1
Disable Disconnection of 30K Level Translator Pullup when CE = 0
(Default)
Enable Disconnection of 30K Level Translator Pullup when CE = 0
5
0
Unused
4
0
Reserved
3
0
1
Undervoltage Lockout Enabled (Default)
Undervoltage Lockout Disabled
2
0
1
External MOSFET Overcurrent Detection Enabled (Default)
External MOSFET Overcurrent Detection Disabled
1:0 00
01
10
11
0.250V External MOSFET Overcurrent Limit (Default)
0.500V External MOSFET Overcurrent Limit
0.750V External MOSFET Overcurrent Limit
1.000V External MOSFET Overcurrent Limit
GET_CFG_0
17:0 00000010 (02H)
01000010
(42H)
Get Configuration Register 0 Response Not Acknowledged
(Response)
Get Configuration Register 0 Response Acknowledged (Response)
27
0
Unused (Start-up Default)
6
0
1
Disable Disconnection of 30K Level Translator Pullup when CE = 0
(Default)
Enable Disconnection of 30K Level Translator Pullup when CE = 0
5
0
Unused
4
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com