Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8024 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP8024
Description  Internal Bandgap Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8024 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP8024 Datasheet HTML 16Page - Microchip Technology MCP8024 Datasheet HTML 17Page - Microchip Technology MCP8024 Datasheet HTML 18Page - Microchip Technology MCP8024 Datasheet HTML 19Page - Microchip Technology MCP8024 Datasheet HTML 20Page - Microchip Technology MCP8024 Datasheet HTML 21Page - Microchip Technology MCP8024 Datasheet HTML 22Page - Microchip Technology MCP8024 Datasheet HTML 23Page - Microchip Technology MCP8024 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
MCP8024
DS20005228A-page 20
 2013 Microchip Technology Inc.
approximately five time constants ~= 50 µs. The
desired current sense gain is established with an
external resistor network.
The comparator output may be employed as a current
limit. Alternatively, the current sense output can be
employed in a chop-chop PWM speed loop for any sit-
uations where the motor is being accelerated, either
positively or negatively. An analog chop-chop speed
loop can be implemented by hysteretic control or fixed
off-time of the motor current. This makes for a very
robust controller as the motor current is always in
instantaneous control.
A sense resistor in series with the bridge ground return
provides a current signal for both feedback and current
limiting. This resistor should be non-inductive to mini-
mize ringing from high di/dt. Any inductance in the
power circuit represents potential problems in the form
of additional voltage stress and ringing, as well as
increasing switching times. While impractical to elimi-
nate, careful layout and bypassing will minimize these
effects. The output stage should be as compact as
heat sinking will allow, with wide, short traces carrying
all pulsed currents. Each half-bridge should be sepa-
rately bypassed with a low ESR/ESL capacitor, decou-
pling it from the rest of the circuit. Some layouts will
allow the input filter capacitor to be split into three
smaller values, and serve double duty as the half-
bridge bypass capacitors.
The current sense resistor is chosen to establish the
peak current limit threshold, which is typically set 20%
higher than the maximum current command level to
provide overcurrent protection during abnormal condi-
tions. Under normal circumstances with a properly
compensated current loop, peak current limit will not be
exercised.
4.2.2
MOTOR CONTROL
The commutation loop of a BLDC motor control is a
Phase-Locked Loop (PLL) which locks to the rotor’s
position. Note that this inner loop does not attempt to
modify the position of the rotor, but modifies the com-
mutation times to match whatever position the rotor
has. An outer speed loop changes the rotor velocity,
and the commutation loop locks to the rotor’s position
to commutate the phases at the correct times.
4.2.2.1
Sensorless Motor Control
Many control algorithms can be implemented with the
MCP8024 in conjunction with a microcontroller. The
following discussion provides a starting point for imple-
menting the MCP8024 in a sensorless control applica-
tion of a 3-phase motor. The motor is driven by
energizing two windings at a time and sequencing the
windings in a six step per electrical revolution method.
This method leaves one winding unenergized at all
times, and the voltage on that unenergized (Back
EMF) winding can be monitored to determine the rotor
position.
4.2.2.2
Start-Up Sequence
When the motor being driven is at rest, the back EMF
is equal to zero. The motor needs to be rotating for the
back EMF sensor to lock onto the rotor position and
commutate the motor. The recommended start-up
sequence to bring the rotor from rest up to a speed
fast enough to allow back EMF sensing is comprised
of three modes: Lock or Align mode, Ramp mode, and
Run mode. Refer to the commutation state machine in
Table 4-1. The order in which the microcontroller steps
through the commutation state machine determines
the direction the motor rotates.
4.2.2.3
Disabled Mode (CE = 0)
When the driver is disabled (CE = 0), all of the drivers
are turned off.
4.2.2.4
Lock Mode
Before the motor can be started, the rotor must be in a
known position. In Lock mode, the microcontroller
drives phase B low and phases A and C high. This
aligns the rotor 30 electrical degrees before the center
of the first commutation state. Lock mode must last
long enough to allow the motor and its load to settle
into this position.
4.2.2.5
Ramp Mode
At the end of Lock mode, Ramp mode is entered. In
Ramp mode, the microcontroller steps through the
commutation state machine, increasing linearly, until a
minimum speed is reached. Ramp mode is an open-
loop commutation. No knowledge of the rotor position
is used.
Note:
The motor current limit comparator output
is internally ‘OR’d with the DRIVER
FAULT output of the driver logic block.
The microcontroller should monitor the
comparator output and take appropriate
actions. The motor current limit compara-
tor circuitry does not disable the motor
drivers when an overcurrent situation
occurs. Only one current limit comparator
is provided. The MCP8024 provides three
current sense amplifiers which can be
used for implementation of advanced con-
trol algorithms such as Field Oriented
Control (FOC).
Note:
With a chop-chop control, motor current
always flows through the sense resistor.
When the PWM is off, however, the fly-
back diodes, or synchronous rectifiers,
conduct, causing the current to reverse
polarity through the sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com