Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 64Page - Cirrus Logic CS8952T Datasheet HTML 65Page - Cirrus Logic CS8952T Datasheet HTML 66Page - Cirrus Logic CS8952T Datasheet HTML 67Page - Cirrus Logic CS8952T Datasheet HTML 68Page - Cirrus Logic CS8952T Datasheet HTML 69Page - Cirrus Logic CS8952T Datasheet HTML 70Page - Cirrus Logic CS8952T Datasheet HTML 71Page - Cirrus Logic CS8952T Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
68
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
DC CHARACTERISTICS
(Over recommended operating conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply
Power Supply Current
100BASE-TX (Note 1)
10BASE-T (Note 1)
1.
With digital outputs connected to CMOS loads.
IDD
-
-
135
80
145
-
mA
Hardware Power-Down
(Note 1)
IDDHPDN
-900
-
µA
Software Power-Down
(Note 1)
IDDSPDN
-20
-
mA
Low Power Power-Up
(Note 1)
IDDSLPUP
-900
-
µA
Oscillator
XTAL_I Input Low Voltage
VIXH
-0.3
-
0.2
V
XTAL_I Input High Voltage
VIXH
3.0
-
VDD +0.3
V
XTAL_I Input Low Current
IIXL
-40
-
-
µA
XTAL_I Input High Current
IIXH
--
40
µA
XTAL_I Input Capacitance
CL
35
-
pF
XTAL_I Input Cycle Time
tIXC
39.996
-
40.004
ns
XTAL_I Input Low Time
tIXL
18
-
22
ns
XTAL_I Input High Time
tXH
18
-
22
ns
Digital I/O
Output Low Voltage
CLK25, MII_IRQ, SPD10, SPD100
IOL =4.0mA
LED[4:0]
IOL =10.0mA
VOL
-
-
-
-
0.4
0.4
V
Output Low Voltage (MII_DRV = 1)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOL =4.0mA
VDD_MII =5V; IOL =43.0mA
VDD_MII =3.3V, IOL =26.0mA
VOL
-
-
-
-
-
-
0.4
3.05
2.1
V
Output Low Voltage (MII_DRV = 0)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOL =4.0mA
VOL
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com