Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic CS8952T Datasheet HTML 12Page - Cirrus Logic CS8952T Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
DS206TPP2
9
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
If either BPALIGN or BP4B5B is asserted, then this pin is re-defined as RXD4 (Receive
Data 4), the most-significant bit of the received five-bit code-group. If the 4B5B encoder is
being bypassed, receive data is present when RX_DV is asserted. If alignment is being
bypassed, data reception is continuous.
At power-up or at reset, the logic value on this pin is latched into bit 4 of the PHY Address
field of the Self Status Register (address 19h). This pin includes a weak internal pull-down
(> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin
should be pulled high during power-up or reset, and the RX_ER pin should have an external
33
Ω series resistor. For systems not required to drive external connectors and cables as
described in the IEEE802.3u specification, the external series resistor may not be necessary.
RXD3/PHYAD3 - Receive Data 3/PHY Address 3. Input/Tri-State Output, Pin 29.
RXD2 - Receive Data 2. Tri-State Output, Pin 30.
RXD1/PHYAD1 - Receive Data 1/PHY Address 1. Input/Tri-State Output, Pin 31.
RXD0 - Receive Data 0. Tri-State Output, Pin 32.
Receive data output. Receive data is present when RX_DV is asserted. RXD0 is the least-
significant bit. For MII modes, nibble-wide data (synchronous to RX_CLK) is transferred on
pins RXD[3:0]. In 10 Mb/s serial mode, pin RXD0 is used as the serial output pin, and
RXD[3:1] are ignored. When either BP4B5B or BPALIGN is selected, pin RXD4 contains the
most-significant bit of the five-bit code-group.
At power-up or at reset, the value on RXD1/PHYAD1 is latched into bit 1 of the PHY Address
field of the Self Status Register (address 19h). This pin includes a weak internal pull-down
(> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
At power-up or at reset, the logic value on RXD3/PHYAD3 is latched into bit 3 of the PHY
Address field of the Self Status Register (address 19h). This pin includes a weak internal pull-
down (> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin
should be pulled high during power-up or reset, and the RXD[3:0] pins should have external
33
Ω series resistors. For systems not required to drive external connectors and cables as
described in the IEEE802.3u specification, the external series resistors may not be necessary.
TX_CLK - Transmit Clock. Input/Tri-State Output, Pin 42.
Continuous clock signal used by the CS8952T as a reference clock to sample TXD[3:0],
TX_ER, and TX_EN. TX_CLK can be referenced either internally (Output Mode) or externally
(Input Mode) based upon the value of the TCM pin at power-up or at reset.
TCM pin
TX_CLK mode
CLK25 status
high
TX_CLK is input
CLK25 pin is an output
floating
TX_CLK is input
CLK25 is disabled
low
TX_CLK is output
CLK25 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com