Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 45Page - Cirrus Logic CS8952T Datasheet HTML 46Page - Cirrus Logic CS8952T Datasheet HTML 47Page - Cirrus Logic CS8952T Datasheet HTML 48Page - Cirrus Logic CS8952T Datasheet HTML 49Page - Cirrus Logic CS8952T Datasheet HTML 50Page - Cirrus Logic CS8952T Datasheet HTML 51Page - Cirrus Logic CS8952T Datasheet HTML 52Page - Cirrus Logic CS8952T Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
DS206TPP2
49
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Scrambler Key Initialization Register - Address 14h
15
14
13
12
11
10
9
8
Load
Reserved
Scrambler Initialization Key
7
6
5
4
3
2
1
0
Scrambler Initialization Key
BIT
NAME
TYPE
RESET
DESCRIPTION
15
Load
Read/Set
0
When this bit is set, the scrambler will be loaded with
the value in the Scrambler Initialization Key field.
When the load is complete, this bit will clear automat-
ically.
14:11 Reserved
Read Only
0000
These bits should be read as don’t cares and, when
written, should be written to 0.
10:0
Scrambler Initializa-
tion Key
Read/Write Reset value is
dependent on the
PHY Address field
of the Self Status
Register (address
19h).
This field allows the Scrambler to be loaded with a
user-definable key sequence. A value of 000h has
the effect of bypassing the scrambler function.
This is valuable for testing purposes to allow a deter-
ministic response to test stimulus without a synchro-
nization delay.
Note: This field is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com