Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 2 Page - Cirrus Logic

  CS8952T Datasheet HTML 1Page - Cirrus Logic CS8952T Datasheet HTML 2Page - Cirrus Logic CS8952T Datasheet HTML 3Page - Cirrus Logic CS8952T Datasheet HTML 4Page - Cirrus Logic CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
2
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
TABLE OF CONTENTS
INTRODUCTION .......................................................................................................................... 4
High Performance Analog ....................................................................................................... 4
Low Power Consumption ........................................................................................................ 4
Application Flexibility ............................................................................................................... 4
Typical Connection Diagram ................................................................................................... 4
PIN DESCRIPTIONS ...................................................................................................................... 6
FUNCTIONAL DESCRIPTION ..................................................................................................... 17
Digital System Interface ......................................................................................................... 17
Major Operating Modes .......................................................................................................... 17
100BASE-TX Nibble Mode ........................................................................................... 17
100BASE-X Symbol Modes ......................................................................................... 20
10BASE-T MII Application ............................................................................................ 21
- 10BASE-T Serial Application ..................................................................................... 22
- Auto-Negotiation .................................................................................................................. 22
- Auto-Negotiation Configuration .................................................................................. 23
- Auto-Negotiation Operation ........................................................................................ 23
Reset Operation ..................................................................................................................... 24
LED Indicators ........................................................................................................................ 24
MEDIA INDEPENDENT INTERFACE .......................................................................................... 25
- MII Frame Structure ............................................................................................................. 25
- MII Receive Data .................................................................................................................26
MII Transmit Data ................................................................................................................... 26
MII Management Interface ..................................................................................................... 27
MII Management Frame Structure ......................................................................................... 27
CONFIGURATION ....................................................................................................................... 29
Configuration At Power-up/Reset Time .................................................................................. 29
Configuration Via Control Pins ............................................................................................... 29
Configuration via the MII ........................................................................................................ 29
CS8952T REGISTERS ................................................................................................................. 30
Basic Mode Control Register - Address 00h .......................................................................... 31
Basic Mode Status Register - Address 01h ........................................................................... 33
PHY Identifier Register, Part 1 - Address 02h ........................................................................ 35
PHY Identifier Register, Part 2 - Address 03h ........................................................................ 36
Auto-Negotiation Advertisement Register - Address 04h ....................................................... 37
Auto-Negotiation Link Partner Ability Register - Address 05h ................................................ 38
Auto-Negotiation Expansion Register - Address 06h ............................................................. 39
Auto-Negotiation Next-Page Transmit Register - Address 07h .............................................. 40
Interrupt Mask Register - Address 10h .................................................................................. 41
Interrupt Status Register - Address 11h ................................................................................. 44
Disconnect Count Register - Address 12h ............................................................................. 47
False Carrier Count Register - Address 13h .......................................................................... 48
Scrambler Key Initialization Register - Address 14h .............................................................. 49
Receive Error Count Register - Address 15h ......................................................................... 50
Descrambler Key Initialization Register - Address 16h .......................................................... 51
PCS Sub-Layer Configuration Register - Address 17h .......................................................... 52
Loopback, Bypass, and Receiver Error Mask Register - Address 18h .................................. 55
Self Status Register - Address 19h ........................................................................................ 58
10BASE-T Status Register - Address 1Bh ............................................................................. 60
10BASE-T Configuration Register - Address 1Ch ................................................................. 61
DESIGN CONSIDERATIONS ...................................................................................................... 63
Twisted Pair Interface ............................................................................................................63
Internal Voltage Reference .................................................................................................... 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com