Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 4 Page - Cirrus Logic

  CS8952T Datasheet HTML 1Page - Cirrus Logic CS8952T Datasheet HTML 2Page - Cirrus Logic CS8952T Datasheet HTML 3Page - Cirrus Logic CS8952T Datasheet HTML 4Page - Cirrus Logic CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
4
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
INTRODUCTION
The CS8952T is a complete physical-layer trans-
ceiver for 100BASE-TX and 10BASE-T applica-
tions. It provides a Physical Coding Sub-layer for
communication with an external MAC (Media Ac-
cess Controller), a complete Physical Medium At-
tachment layer, and a 100BASE-TX and 10BASE-
T Physical Medium Dependent layer.
High Performance Analog
The highly integrated mixed-signal design of the
CS8952T eliminates the need for external analog
circuitry such as transmit or receive filters. The
CS8952T builds upon Cirrus Logic’s experience in
pioneering the high-volume manufacturing of
10BASE-T integrated circuits with “true” internal
filters. The CS8952T, CS8920, CS8904, and
CS8900 include fifth-order, continuous-time But-
terworth 10BASE-T transmit and receive filters, al-
lowing those products to meet 10BASE-T wave
shape, emission, and frequency content require-
ments without external filters.
Low Power Consumption
The CS8952T is implemented in low power
CMOS, consuming only 135 mA typically. Three
low-power modes are provided to make the
CS8952T ideal for power sensitive applications.
Application Flexibility
The CS8952T’s digital interface and operating
modes can be tailored to efficiently support a wide
variety of applications. For example, the Media In-
dependent Interface (MII) supports 100BASE-TX
and 10BASE-T NIC cards, switches and routers.
Additionally, the low-latency “repeater” interface
mode minimizes data delay through the CS8952T,
facilitating system compliance with overall net-
work delay budgets. To support 10BASE-T appli-
cations, the CS8952T provides a 10BASE-T serial
port (Seven-wire ENDEC interface).
Typical Connection Diagram
Figure 1 illustrates a typical MII to CS8952T appli-
cation with twisted-pair interfaces. Refer to the De-
sign
Considerations
section
for
detailed
information on power supply requirements and de-
coupling, crystal and magnetics requirements, and
twisted-pair transceiver connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com