Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic CS8952T Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
22
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Section 14.2.1.1 of the Ethernet standard. Trans-
mitted link pulses are positive pulses, one bit time
wide, typically generated at a rate of one every
16 ms. The 16 ms timer also starts whenever the
transmitter completes an End-of-Frame (EOF) se-
quence. Thus, a link pulse will be generated 16 ms
after an EOF unless there is another transmitted
packet.
Link Polarity Detection
The CS8952T automatically checks the polarity of
the receive half of the twisted pair cable. To detect
a reversed pair, the receiver examines received link
pulses and the End-of-Frame (EOF) sequence of
incoming packets. If it detects at least one reversed
link pulse and at least four frames in a row with
negative polarity after the EOF, the receive pair is
considered reversed.
If the polarity is reversed and the Polarity Disable
bit of the 10BASE-T Configuration Register (ad-
dress 1Ch) is clear, the CS8952T automatically
corrects a reversal.
SQE (Heartbeat) Test Function
When SQE is enabled, the CS8952T will assert the
COL pin for approximately 10 bit times within 1
µs
after the transmission of each packet.
The SQE function is disabled by default when the
REPEATER pin is deasserted on reset or power-
up. It may be enabled through the SQE Enable bit
in the 10BASE-T Configuration Register (address
1Ch).
Receiver Squelch
The 10BASE-T squelch circuit determines when
valid data is present on the RXD+/RXD- pair. In-
coming signals passing through the receive filter
are tested by the squelch circuit. Any signal with
amplitude less than the squelch threshold (either
positive or negative, depending on polarity) is re-
jected.
10BASE-T Loopback
When Loopback is selected, the TXD[3:0] pins are
looped back into the RXD[3:0] pins through the
Manchester Encoder and Decoder. Selection is
made via:
-
setting bit 14 in the Basic Mode Control
Register (address 00h) or
-
setting bits 8 and 11 in the Loopback, By-
pass, and Receiver Error Mask Register
(address 18h) or
-
asserting the LPBK pin.
10BASE-T Serial Application
This mode is selected when pin 10BT_SER is as-
serted during power-up or reset, and operates simi-
lar to the 10BASE_T MII mode except that data is
transferred serially on pins RXD0 and TXD0 using
a 10 MHz RX_CLK and TX_CLK. Receive data is
framed by CRS rather than RX_DV.
Auto-Negotiation
The CS8952T supports auto-negotiation, which is
the mechanism that allows the two devices on ei-
ther end of an Ethernet link segment to share infor-
mation and automatically configure both devices
for maximum performance. When configured for
auto-negotiation, the CS8952T will detect and au-
tomatically operate full-duplex at 100 Mb/s if the
device on the other end of the link segment also
supports full-duplex, 100 Mb/s operation, and
auto-negotiation. The CS8952T auto-negotiation
capability is fully compliant with the relevant por-
tions of section 28 of the IEEE 802.3u standard.
The CS8952T can auto-negotiate both operating
speed (10 versus 100 Mb/s), duplex mode (half du-
plex versus full duplex), and flow control (pause
frames), or alternatively can be set not to negotiate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com