Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 12Page - Cirrus Logic CS8952T Datasheet HTML 13Page - Cirrus Logic CS8952T Datasheet HTML 14Page - Cirrus Logic CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
16
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
RESET - Reset. Input, Pin 15.
This active high input initializes the CS8952T, and causes the CS8952T to latch the input
signal on the following pins: COL/PHYAD0, CRS/PHYAD2, RX_ER/PHYAD4/RXD4,
10BT_SER, BP4B5B, BPALIGN, BPSCR, ISODEF, REPEATER, RXD1/PHYAD1, and
RXD3/PHYAD3.
XTAL_I - Crystal Input, Pin 96.
XTAL_O - Crystal Output, Pin 97.
A 25 MHz crystal should be connected across pins XTAL_I and XTAL_O. If a crystal is not
used, a 25 MHz CMOS level clock may be connected to XTAL_I and XTAL_O left open.
NOTE: The XTAL_I pin capacitive load may be as high as 35pF. Any external clock source connected to this pin
must be capable of driving larger capacitive loads.
RSVD - Reserved. Pins 74, 75, 76, 77, 84, 98, and 99.
These seven pins are reserved and should be tied to VSS.
VDD_MII - I/O Pad Power. Pins 21, 34, and 66.
These pins provide power to all CS8952T digital I/O pads. Typically VDD_MII will be either
+5V or +3.3V.
VDD - Core Power. Pins 2, 11, 19, 40, 54, 79, 82, 88, 89, 94, and 100.
These pins provide power to the CS8952T core. Typically, VDD should be +5V.
VSS - Pins 1, 3, 10, 12, 13, 18, 20, 22, 35, 39, 41, 53, 55, 62, 65, 78, 83, 85, 87, 90, 93, and 95.
These pins provide a ground reference for the CS8952T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com