Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic CS8952T Datasheet HTML 12Page - Cirrus Logic CS8952T Datasheet HTML 13Page - Cirrus Logic CS8952T Datasheet HTML 14Page - Cirrus Logic CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
12
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
At power-up or at reset, the value on this pin is latched into bit 14 of the Loopback, Bypass
and Receiver Error Mask Register (address 18h). This pin includes a weak internal pull-down
(> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
BPALIGN - Bypass Symbol Alignment. Input, Pin 52.
When driven high during power-up or reset, the following blocks are bypassed: 4B5B encoder,
5B4B decoder, scrambler and descrambler. Five-bit code groups are output and input on pins
RXD[4:0] and TXD[4:0]. The receiver will output five-bit data with no attempt to identify
code-group boundaries; therefore, the data in one RXD[4:0] word may contain data from two
code groups.
Symbol alignment may also be bypassed under software control through bit 12 of the
Loopback, Bypass, and Receiver Error Mask Register (address 18h).
At power-up or at reset, the value on this pin is latched into bit 12 of the Loopback, Bypass
and Receiver Error Mask Register (address 18h). This pin includes a weak internal pull-down
(> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
ISODEF - Isolate Default. Input, Pin 63.
When asserted high during power-up or reset, the MII will power-up electrically isolated except
for the MDIO and MDC pins. When low, the part will exit reset fully electrically connected to
the MII.
The MII may also be isolated under software control through bit 10 of the Basic Mode Control
Register (address 00h).
At power-up or at reset, the value on this pin is latched into bit 10 of the Basic Mode Control
Register (address 00h). This pin includes a weak internal pull-down (> 20 K
Ω), or the value
may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
LED1 - Transmit Active LED. Open Drain Output, Pin 69.
This active-low output indicates transmit activity. It contains a pulse stretcher to insure that the
transmit events are visible when the pin is used to drive an LED. The definition of this pin may
be modified to indicate Disconnect Detection (bit 5 of the Self Status Register (address 19h))
by setting bit 2 of the PCS Sub-layer Configuration Register (address 17h).
This pin can be simultaneously connected to an LED and to a TTL-compatible, CMOS input
pin.
LED2 - Receive Activity LED. Open Drain Output, Pin 70.
This active-low output indicates receive activity. It contains a pulse stretcher to insure that the
receive events are visible when the pin is used to drive an LED.
This pin can be simultaneously connected to an LED and to a TTL-compatible, CMOS input
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com