Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic CS8952T Datasheet HTML 26Page - Cirrus Logic CS8952T Datasheet HTML 27Page - Cirrus Logic CS8952T Datasheet HTML 28Page - Cirrus Logic CS8952T Datasheet HTML 29Page - Cirrus Logic CS8952T Datasheet HTML 30Page - Cirrus Logic CS8952T Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
DS206TPP2
27
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Transmit errors should be signaled by the MAC by
asserting TX_ER for one or more TX_CLK cycles.
TX_ER must be synchronous with TX_CLK. This
will cause the CS8952T to replace the nibble with
a HALT symbol in the frame being transmitted.
This invalid data will be detected by the receiving
PHY and flagged as a bad frame. Figure 4 illus-
trates transmission without errors, and Figure 5 il-
lustrates transmission with errors.
MII Management Interface
The CS8952T provides an enhanced IEEE 802.3
MII Management Interface. The interface consists
of three signals: a bi-directional serial data line
(MDIO), a data clock (MDC), and an optional in-
terrupt signal (MII_IRQ). The Management Inter-
face can be used to access status and control
registers internal to the CS8952T. The CS8952T
implements an extended set of 16-bit MII registers.
Eight of the registers are defined by the IEEE 802.3
specification, while the remaining registers provide
enhanced monitoring and control capabilities.
As many as 31 devices may share a single Manage-
ment Interface. A unique five-bit PHY address is
associated with each device, with all devices re-
sponding to PHY address 00000. The CS8952T de-
termines its PHY address at power-up or reset
through the PHYAD[4:0] pins.
MII Management Frame Structure
Frames transmitted through the MII Management
Interface have the format shown in Table 6 on
page 28.
When the management interface is idle, the MDIO
signal will be tri-stated, and the MAC is required to
keep MDIO pulled to a logic ONE.
At the beginning of each transaction, the MAC will
typically send a sequence of 32 contiguous logic
ONE bits on MDIO with 32 corresponding clock
cycles on MDC to provide the CS8952T with a pat-
tern that it can use to establish synchronization.
Optionally, the CS8952T may be configured to op-
TX_CLK
TX_EN
TXD[3:0]
TX_ER
Preamble
Data
Data
Data
Data
Data
Data
Data
CRC
Figure 4. Transmission without errors
TX_CLK
TX_EN
TXD[3:0]
TX_ER
Preamble
Data
Data
Data
XX
Data
Figure 5. Transmission with errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com