Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 5 Page - Cirrus Logic

  CS8952T Datasheet HTML 1Page - Cirrus Logic CS8952T Datasheet HTML 2Page - Cirrus Logic CS8952T Datasheet HTML 3Page - Cirrus Logic CS8952T Datasheet HTML 4Page - Cirrus Logic CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
DS206TPP2
5
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
VSS
RES
VSS
4.99K
Ω
XTAL_I
XTAL_O
MDIO
33
Ω
MDC
TXD[3:0]
TX_ER/TXD[4]
TX_EN
TX_CLK
RX_CLK
RXD[3]/PHYAD[3]
RX_ER/RXD[4]/PHYAD[4]
RX_DV/MII_DRV
COL/PHYAD0
CRS/PHYAD[2]
4
SPEED10
SPEED100
LED1
LED2
LED3
LED4
LED5
VDD
VDD_MII
VDD_MII
VDD
10µF
0.1µF
RSVD
VSS
TEST0
TEST1
AN0
AN1
NC
NC
CS8952
RX_EN
PWRDN
REPEATER
BP4B5B
BPALIGN
LPBK
ISODEF
10BT_SER
RESET
MII_IRQ
LPSTRT
TCM
TXSLEW0
TXSLEW1
NC
NC
1.5K
Ω
VDD_MII
RXD[2]
RXD[1]/PHYAD[1]
RXD[0]
VDD_MII
4.7K
Ω
680
Ω
VDD_MII
+
3
3
11
11
10µF
0.1µF
+
25MHz
49.9
Ω
0.1µF
TX+
TX-
RX+
RX-
1
2
3
4
5
6
7
8
RJ-45
SHLD
SHLD
7
Transformer
5
1%
49.9
Ω
1%
0.1µF
75
Ω
75
Ω
0.01µF
2KV
51
Ω
51
Ω
51
Ω
51
Ω
51
Ω
51
Ω
680
Ω
680
Ω
680
Ω
680
Ω
680
Ω
680
Ω
4.7K
Ω
4.7K
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
NC
1%
19
7
10V
10V
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com