Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic CS8952T Datasheet HTML 26Page - Cirrus Logic CS8952T Datasheet HTML 27Page - Cirrus Logic CS8952T Datasheet HTML 28Page - Cirrus Logic CS8952T Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
DS206TPP2
25
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
MEDIA INDEPENDENT INTERFACE
The Media Independent Interface (MII) provides a
simple interconnect to an external Media Access
Controller (MAC). This connection may be chip to
chip, motherboard to daughterboard, or a connec-
tion between two assemblies attached by a limited
length of shielded cable and an appropriate connec-
tor.
The CS8952T's MII interface is enhanced beyond
IEEE requirements by register extensions and the
addition of pins for MII_IRQ,RX_EN,and ISO-
DEF signals. The MII_IRQ pin provides an inter-
rupt signal to the controller when a change of state
has occurred in the CS8952T, eliminating the need
for the system to poll the CS8952T for state chang-
es. The RX_EN signal allows the receiver outputs
to be electrically isolated. The ISODEF pin con-
trols the value of register bit ISOLATE in the Basic
Mode Control Register (address 00h) which in turn
electrically isolates the CS8952T's MII data path.
The MII interface uses the following pins:
STATUS Pins
-
COL - Collision indication, valid only for
half duplex modes.
-
CRS - Carrier Sense indication
SERIAL MANAGEMENT Pins
-
MDIO - a bi-directional serial data path
-
MDC - clock for MDIO (16.7 MHz max)
-
MII_IRQ - Interrupt indicating change in
the Interrupt Status Register (address 11h)
RECEIVE DATA Pins
-
RXD[3:0] - Parallel data output path
-
RX_CLK - Recovered clock output
-
RX_DV - Indicates when receive data is
present and valid
-
RX_ER - Indicates presence of error in re-
ceived data
-
RX_EN - Can be used to tri-state receiver
output pins
TRANSMIT DATA Pins
-
TXD[3:0] - Parallel data input path
-
TX_CLK - Transmit clock
-
TX_EN - Indicates when transmit data is
present and valid
-
TX_ER - Request to transmit a 100BASE-
T HALT symbol, ignored for 10BASE-T
operation.
The interface uses TTL signal levels, which are
compatible with devices operating at a nominal
supply voltage of either 5.0 or 3.3 volts. It is capa-
ble of supporting either 10 Mb/s or 100 Mb/s data
rates transparently. That is, all signaling remains
identical at either data rate; only the nominal clock
frequency is changed.
MII Frame Structure
Data frames transmitted through the MII have the
following format:
Each frame is preceded by an inter-frame gap. The
inter-frame gap is an unspecified time during
whichnodataactivityoccursonthe mediaasindi-
cated by the de-assertion of CRS for the receive
path and TX_EN for the transmit path.
The Preamble consists of seven bytes of 10101010.
The Start of Frame Delimiter consists of a single
byte of 10101011.
Data may be any number of bytes.
The End of Frame Delimiter is conveyed by the de-
assertion of RX_DV and TX_EN for receive and
transmit paths, respectively.
Preamble
(7 Bytes)
Start of
Frame
Delimiter
(1 Byte)
Data
End of
Frame
Delimiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com