Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 76Page - Cirrus Logic CS8952T Datasheet HTML 77Page - Cirrus Logic CS8952T Datasheet HTML 78Page - Cirrus Logic CS8952T Datasheet HTML 79Page - Cirrus Logic CS8952T Datasheet HTML 80Page - Cirrus Logic CS8952T Datasheet HTML 81Page - Cirrus Logic CS8952T Datasheet HTML 82Page - Cirrus Logic CS8952T Datasheet HTML 83Page - Cirrus Logic CS8952T Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
80
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
SWITCHING CHARACTERISTICS (CONT.)
Parameter
Symbol
Min
Typ
Max
Unit
10BASE-T Serial Transmit Timing
TX_CLK Period
tTCP
-400
-
ns
TX_CLK Pulse Width
tTCL, tTCH
-200
-
ns
TXD[0], TX_EN Setup from TX_CLK
tTDS
10
-
-
ns
TXD[0], TX_EN Hold after TX_CLK
tTDH
10
-
-
ns
Transmit throughput delay
tTPD
--
500
ns
TXD+/- jitter
tTPD
--
+/- 8
ns
TX+/- hold at end of packet
tTXH
250
-
-
ns
TX+/- return to idle (<= 50 mV)
tTXOFF
--
4.5
µs
In/Out
TXD0
TX_CLK
TX+/TX-
t
TDS
Out
TX_EN
In
t
TXH
t
TDH
t
TCP
In
t
TXJ
t
TCH
t
TCL
t
TXOFF
t
TPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com