Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 4Page - Cirrus Logic CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic CS8952T Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
RX_CLK - Receive Clock. Tri-State Output, Pin 36
Continuous clock output used as a reference clock for sampling RXD[3:0], RX_ER, and
RX_DV. RX_CLK will have the following nominal frequency:
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin
should be pulled high during power-up or reset, and the RX_CLK pin should have an external
33
Ω series resistor. For systems not required to drive external connectors and cables as
described in the IEEE802.3u specification, the external series resistor may not be necessary.
RX_DV/MII_DRV - Receive Data Valid/MII Drive Strength. Input/Tri-State Output, Pin 33.
Asserted high to indicate valid data nibbles are present on RXD[3:0].
At power-up or at reset, this pin is used as an input to determine the drive strength of the MII
output drivers. When the pin is low, all MII output drivers will be standard 4 mA CMOS
drivers. When high, additional drive strength will be added to the MII output drivers. This pin
includes a weak internal pull-down (> 20 K
Ω), or the value may be set by an external 4.7 KΩ
pull-up or pull-down resistor.
In order to conform with Annex 22B of the IEEE 802.3u specification, this pin should be
pulled high during power-up or reset and should have an external 33
Ω series resistor. For
systems not required to drive external connectors and cables as described in the IEEE802.3u
specification, it may be possible to reduce overall power consumption by pulling the pin low at
power-up or reset, and the external series resistor may not be necessary.
RX_EN - Receive Enable. Input, Pin 14.
When high, signals RXD[3:0], RX_CLK, RX_DV, and RX_ER are enabled. When low, these
signals are tri-stated. RX_EN allows the received data signals of multiple PHY transceivers to
share the same MII bus.
This pin includes a weak internal pull-up (> 150 K
Ω), or the value may be set by an external
10 K
Ω pull-up or pull-down resistor.
RX_ER/PHYAD4/RXD4 - Receive Error/PHY Address 4/Receive Data 4. Input/Tri-State Output,
Pin 37.
During normal MII operation, this pin is defined as RX_ER (Receive Error). When RX_DV is
high, RX_ER asserted high indicates that an error has been detected in the current receive
frame. When RX_DV is low and RXD[3:0] = “1110”, RX_ER high indicates a False Carrier
condition.
Speed
10BT_SER pin
Nominal frequency
100 Mb/s
n/a
25 MHz
10 Mb/s
low (parallel)
2.5 MHz
10 Mb/s
high (serial)
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com