Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 3Page - Cirrus Logic CS8952T Datasheet HTML 4Page - Cirrus Logic CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
DS206TPP2
7
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
MII Interface Pins
COL/PHYAD0 - Collision Detect/PHY Address 0. Input/Tri-State Output, Pin 48.
Asserted active-high to indicate a collision on the medium during half-duplex operation. In
full-duplex operation, COL is undefined and should be ignored. When configured for 10 Mb/s
operation, COL is also used to indicate a Signal Quality Error (SQE) condition.
At power-up or at reset, the logic value on this pin is latched into bit 0 of the PHY Address
field of the Self Status Register (address 19h). This pin includes a weak internal pull-down
(~ 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
NOTE: Silicon revisions A and B included a weak internal pull-up rather than a pull-down.
CRS/PHYAD2 - Carrier Sense/PHY Address 2. Input/Tri-State Output, Pin 49.
The operation of CRS is controlled by the REPEATER pin as follows:
At power-up or at reset, the logic value of this pin is latched into bit 2 of the PHY Address
Field of the Self Status Register (address 19h). This pin includes a weak internal pull-down
(> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
MDC - Management Data Clock. Input, Pin 28.
Input clock used to transfer serial data on MDIO. The maximum clock rate is 16.67 MHz. This
clock may be asynchronous to RX_CLK and TX_CLK.
MDIO - Management Data Input/Output. Bi-Directional, Pin 27.
Bi-directional signal used to transfer management data between the CS8952T and the Ethernet
controller.
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin
should be pulled high during power-up or reset, and the MDIO pin should have an external
1.5 K
Ω pull-up resistor.
MII_IRQ - MII Interrupt. Open Drain Output, Pin 26.
Asserted low to indicate the status corresponding to one of the unmasked interrupt status bits in
the Interrupt Status Register (address 11h) has changed. It will remain low until the ISR is read,
clearing all status bits.
This open drain pin requires a 4.7 k
Ω pull-up resistor.
REPEATER pin
DUPLEX mode
CRS Indicates
high
don’t care
receive activity only
low
full duplex
receive activity only
low
half duplex
receive or transmit activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com