Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
DS206TPP2
19
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Table3. 4B5B CodeViolation Decoding
Carrier Sense Operation
The CRS pin (Carrier Sense) is asserted when ei-
ther the transmitter is active or the receiver detects
at least two non-contiguous ZEROS within any 10
bits in the received data stream. Once asserted, it
will remain asserted until the transmitter has gone
idle or the receiver detects 10 consecutive ONES.
CRS is not synchronous to RX_CLK. It may tran-
sition at any time.
Link Integrity Monitor
The link integrity monitor determines whether the
underlying receive channel is providing reliable
data.
When auto-negotiation is disabled, the link is con-
sidered to be stable when the receiver has detected
valid signal levels for at least 1 ms. If the signal
levels fall below the minimum for more than
350 us, the Link Status bit in the Basic Mode Status
Register (address 01h) is cleared, the Link Status
Change bit in the Interrupt Status Register (address
11h) is set, and the Disconnect Count Register (ad-
dress 12h) is incremented.
When auto-negotiation is enabled, the link will be
further qualified by the detection 100BASE-X
mode and 12 consecutive IDLE code groups.
Collision Detection
For half duplex, a collision is detected when the re-
ceiver and transmitter are active simultaneously.
Collisions are reported by asserting the COL pin.
Code Violations (RX_ER = 1 or TX_ER = 1)
Name
5-bit Symbol
Normal Mode 4-bit
Nibble
Error Report
Mode 4-bit
Nibble
Comments
CONTROL (Note 1)
1.
CONTROL code groups become violations when found in the data portion of the frame.
I
11111
0000
0000
This portion of the table relates received
5-bit symbols to received 4-bit nibbles
only. The control code groups may not
be transmitted in the data portion of the
frame.
J
11000
0000
0000
K
10001
0000
0000
T
01101
0000
0000
R
00111
0000
0000
CODE VIOLATIONS
H
00100
0000
0000
V0
00000
0110 or 0101 (Note 2)
2.
Invalid code groups are mapped to 5h unless the Code Error Report select bit in the Loopback,
Bypass, and Receiver Error Mask Register (address 18h) is set, in which case invalid code groups are
mapped to 6h.
0001
V1
00001
0110 or 0101 (Note 2)
0111
V2
00010
0110 or 0101 (Note 2)
1000
V3
00011
0110 or 0101 (Note 2)
1001
V4
00101
0110 or 0101 (Note 2)
1010
V5
00110
0110 or 0101 (Note 2)
1011
V6
01000
0110 or 0101 (Note 2)
1100
V7
01100
0110 or 0101 (Note 2)
1101
V8
10000
0110 or 0101 (Note 2)
1110
V9
11001
0110 or 0101 (Note 2)
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com