Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 49Page - Cirrus Logic CS8952T Datasheet HTML 50Page - Cirrus Logic CS8952T Datasheet HTML 51Page - Cirrus Logic CS8952T Datasheet HTML 52Page - Cirrus Logic CS8952T Datasheet HTML 53Page - Cirrus Logic CS8952T Datasheet HTML 54Page - Cirrus Logic CS8952T Datasheet HTML 55Page - Cirrus Logic CS8952T Datasheet HTML 56Page - Cirrus Logic CS8952T Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
DS206TPP2
53
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
PCS Sub-Layer Configuration Register - Address 17h (Cont.)
BIT
NAME
TYPE
RESET
DESCRIPTION
9
MF Preamble
Enable
Read/Write 0
When set, this bit will force all management frames
(via MDIO, MDC) to be preceded by a 32 bit pream-
ble pattern of contiguous ones to be considered valid.
When cleared, it allows management frames with or
without the preamble pattern. The status of this regis-
ter is (inversely) reflected in the MF Preamble bit in
the Basic Mode Status Register (address 01h).
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
8
Fast Test
Read/Write 0
When set, internal timers are sped up significantly in
order to facilitate production test. Leave clear for
proper operation.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
7
CLK25 Disable
Read/Write When TCM pin is
low, reset to 1; oth-
erwise, reset to 0
Setting this bit will disable (tri-state) the CLK25 output
pin, reducing digital noise and power consumption.
6
Enable LT/100
Read/Write 1
When set, normal link status checking is enabled.
When clear, this bit forces the link status to Link OK
(at 100 Mb/s), and will assert the LINK_OK LED.
5
CIM Disable
Read/Write Reset to the logic
inverse of the
valueonthe
REPEATER pin.
When set, this bit forces the Carrier Integrity Monitor
function to be disabled. When low, the Carrier Integ-
rity Monitor function is enabled, and detection of an
unstable link will disable the receive and transmit
functions.
4
Tx Disable
Read/Write 0
When set, this bit forces the 10 Mb/s and 100 Mb/s
outputs to be inactive. When clear, normal transmis-
sion is enabled.
If Tx Disable is set while a packet is being transmit-
ted, transmission is completed and no subsequent
packets are transmitted until Tx Disable is cleared
again. Also, if Tx Disable is cleared while TX_EN is
high, the transmitter will remain disabled until TX_EN
is deasserted. This prevents fragments from being
transmitted onto the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com